Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 47 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 47 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 43Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 44Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 51Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 483 page
background image
Core components
4.5.1.60 PSELRESET[0]
Address offset: 0x200
Mapping of the nRESET function (see POWER chapter for details)
All PSELRESET registers have to contain the same value for a pin mapping to be valid. If values are not
the same, there will be no nRESET function exposed on a GPIO. As a result, the device will always start
independently of the levels present on any of the GPIOs.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B
A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW PIN
21
GPIO number P0.n onto which reset is exposed
B
RW CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
4.5.1.61 PSELRESET[1]
Address offset: 0x204
Mapping of the nRESET function (see POWER chapter for details)
All PSELRESET registers have to contain the same value for a pin mapping to be valid. If values are not
the same, there will be no nRESET function exposed on a GPIO. As a result, the device will always start
independently of the levels present on any of the GPIOs.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B
A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW PIN
21
GPIO number P0.n onto which reset is exposed
B
RW CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
4.5.1.62 APPROTECT
Address offset: 0x208
Access port protection
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW PALL
Enable or disable access port protection.
See Debug on page 50 for more information.
Disabled
0xFF
Disable
Enabled
0x00
Enable
4430_161 v1.0
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com