Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 96 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 96 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 92Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 93Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 94Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 95Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 96Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 97Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 98Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 99Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 100Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 483 page
background image
Peripherals
Events can be generated by the peripheral even when the event register is set to '1'.
6.1.7 Shortcuts
A shortcut is a direct connection between an event and a task within the same peripheral. If a shortcut is
enabled, its associated task is automatically triggered when its associated event is generated.
Using a shortcut is the equivalent to making the same connection outside the peripheral and through the
PPI. However, the propagation delay through the shortcut is usually shorter than the propagation delay
through the PPI.
Shortcuts are predefined, which means their connections cannot be configured by firmware. Each shortcut
can be individually enabled or disabled through the shortcut register, one bit per shortcut, giving a
maximum of 32 shortcuts for each peripheral.
6.1.8 Interrupts
All peripherals support interrupts. Interrupts are generated by events.
A peripheral only occupies one interrupt, and the interrupt number follows the peripheral ID. For example,
the peripheral with ID=4 is connected to interrupt number 4 in the Nested Vectored Interrupt Controller
(NVIC).
Using the INTEN, INTENSET and INTENCLR registers, every event generated by a peripheral can be
configured to generate that peripheral’s interrupt. Multiple events can be enabled to generate interrupts
simultaneously. To resolve the correct interrupt source, the event registers in the event group of
peripheral registers will indicate the source.
Some peripherals implement only INTENSET and INTENCLR, and the INTEN register is not available on
those peripherals. Refer to the individual chapters for details. In all cases, however, reading back the
INTENSET or INTENCLR register returns the same information as in INTEN.
Each event implemented in the peripheral is associated with a specific bit position in the INTEN, INTENSET
and INTENCLR registers.
The relationship between tasks, events, shortcuts, and interrupts is shown in Tasks, events, shortcuts, and
interrupts on page 94.
Interrupt clearing
When clearing an interrupt by writing "0" to an event register, or disabling an interrupt using the
INTENCLR register, it can take up to four CPU clock cycles to take effect. This means that an interrupt may
reoccur immediatelly even if a new event has not come, if the program exits an interrupt handler after the
interrupt is cleared or disabled, but before four clock cycles have passed.
Important: To avoid an interrupt reoccurring before a new event has come, the program should
perform a read from one of the peripheral registers, for example, the event register that has been
cleared, or the INTENCLR register that has been used to disable the interrupt.
This will cause a one to three-cycle delay and ensure the interrupt is cleared before exiting the interrupt
handler. Care should be taken to ensure the compiler does not remove the read operation as an
optimization. If the program can guarantee a four-cycle delay after event clear or interrupt disable another
way, then a read of a register is not required.
4430_161 v1.0
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com