Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 88 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 88 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 84Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 85Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 86Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 87Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 88Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 89Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 90Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 91Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 92Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 483 page
background image
Power and clock management
5.4.3 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40000000
CLOCK
CLOCK
Clock control
Table 17: Instances
Register
Offset
Description
TASKS_HFCLKSTART
0x000
Start HFCLK crystal oscillator
TASKS_HFCLKSTOP
0x004
Stop HFCLK crystal oscillator
TASKS_LFCLKSTART
0x008
Start LFCLK source
TASKS_LFCLKSTOP
0x00C
Stop LFCLK source
TASKS_CAL
0x010
Start calibration of LFRC oscillator
TASKS_CTSTART
0x014
Start calibration timer
TASKS_CTSTOP
0x018
Stop calibration timer
EVENTS_HFCLKSTARTED0x100
HFCLK oscillator started
EVENTS_LFCLKSTARTED 0x104
LFCLK started
EVENTS_DONE
0x10C
Calibration of LFCLK RC oscillator complete event
EVENTS_CTTO
0x110
Calibration timer timeout
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
HFCLKRUN
0x408
Status indicating that HFCLKSTART task has been triggered
HFCLKSTAT
0x40C
HFCLK status
LFCLKRUN
0x414
Status indicating that LFCLKSTART task has been triggered
LFCLKSTAT
0x418
LFCLK status
LFCLKSRCCOPY
0x41C
Copy of LFCLKSRC register, set when LFCLKSTART task was triggered
LFCLKSRC
0x518
Clock source for the LFCLK
CTIV
0x538
Calibration timer interval
Retained
Table 18: Register Overview
5.4.3.1 INTENSET
Address offset: 0x304
Enable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
D C
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW HFCLKSTARTED
Write '1' to Enable interrupt for HFCLKSTARTED event
See EVENTS_HFCLKSTARTED
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW LFCLKSTARTED
Write '1' to Enable interrupt for LFCLKSTARTED event
See EVENTS_LFCLKSTARTED
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
4430_161 v1.0
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com