Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 11 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 11 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 7Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 8Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 9Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 10Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 11Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 12Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 14Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 15Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 483 page
background image
About this document
2.3 Register tables
Individual registers are described using register tables. These tables are built up of two sections. The first
three colored rows describe the position and size of the different fields in the register. The following rows
describe the fields in more detail.
2.3.1 Fields and values
The Id (Field Id) row specifies the bits that belong to the different fields in the register. If a field has
enumerated values, then every value will be identified with a unique value id in the Value Id column.
A blank space means that the field is reserved and read as undefined, and it also must be written as
0
to secure forward compatibility. If a register is divided into more than one field, a unique field name is
specified for each field in the Field column. The Value Id may be omitted in the single-bit bit fields when
values can be substituted with a Boolean type enumerator range, e.g. true/false, disable(d)/enable(d), on/
off, and so on.
Values are usually provided as decimal or hexadecimal. Hexadecimal values have a
0x prefix, decimal
values have no prefix.
The Value column can be populated in the following ways:
• Individual enumerated values, for example 1, 3, 9.
• Range of values, e.g. [0..4], indicating all values from and including 0 and 4.
• Implicit values. If no values are indicated in the Value column, all bit combinations are supported, or
alternatively the field's translation and limitations are described in the text instead.
If two or more fields are closely related, the Value Id, Value, and Description may be omitted for all but
the first field. Subsequent fields will indicate inheritance with '..'.
A feature marked Deprecated should not be used for new designs.
2.4 Registers
Register
Offset
Description
DUMMY
0x514
Example of a register controlling a dummy feature
Table 2: Register Overview
2.4.1 DUMMY
Address offset: 0x514
Example of a register controlling a dummy feature
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
D D D D
C C C
B
A A
Reset 0x00050002
0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0
Id
RW Field
Value Id
Value
Description
A
RW FIELD_A
Example of a field with several enumerated values
Disabled
0
The example feature is disabled
NormalMode
1
The example feature is enabled in normal mode
ExtendedMode
2
The example feature is enabled along with extra
functionality
4430_161 v1.0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com