Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 17 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 17 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 14Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 21Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 483 page
background image
Core components
Flash
0x20000000
0x00000000
0x10000000
Data RAM
Cortex M4 system address map
FICR
0x40000000
APB peripherals
0x50000000
UICR
0x10001000
Peripheral
SRAM
Code
0x00800000
0xFFFFFFFF
Private peripheral bus
0xE0000000
0.5GB
0.5GB
0.5GB
AHB peripherals
0x5FFFFFFF
0x20006000
0x3FFFFFFF
Code RAM
0x00030000
0x1FFFFFFF
0x00806000
0x10002000
0xE0100000
Figure 3: Memory map
4.2.4 Instantiation
ID
Base Address
Peripheral
Instance
Description
0
0x40000000
CLOCK
CLOCK
Clock control
0
0x40000000
BPROT
BPROT
Block protect
0
0x40000000
POWER
POWER
Power control
1
0x40001000
RADIO
RADIO
2.4 GHz radio
2
0x40002000
UARTE
UARTE0
Universal asynchronous receiver/transmitter with EasyDMA
3
0x40003000
TWIM
TWIM0
Two-wire interface master
3
0x40003000
TWIS
TWIS0
Two-wire interface slave
4
0x40004000
SPIS
SPIS0
SPI slave
4
0x40004000
SPIM
SPIM0
SPI master
6
0x40006000
GPIOTE
GPIOTE
GPIO tasks and events
7
0x40007000
SAADC
SAADC
Analog-to-digital converter
8
0x40008000
TIMER
TIMER0
Timer 0
9
0x40009000
TIMER
TIMER1
Timer 1
10
0x4000A000
TIMER
TIMER2
Timer 2
11
0x4000B000
RTC
RTC0
Real-time counter 0
12
0x4000C000
TEMP
TEMP
Temperature sensor
13
0x4000D000
RNG
RNG
Random number generator
14
0x4000E000
ECB
ECB
AES Electronic Codebook (ECB) mode block encryption
15
0x4000F000
AAR
AAR
Accelerated address resolver
15
0x4000F000
CCM
CCM
AES CCM mode encryption
16
0x40010000
WDT
WDT
Watchdog timer
17
0x40011000
RTC
RTC1
Real-time counter 1
18
0x40012000
QDEC
QDEC
Quadrature decoder
19
0x40013000
COMP
COMP
General purpose comparator
20
0x40014000
SWI
SWI0
Software interrupt 0
20
0x40014000
EGU
EGU0
Event generator unit 0
4430_161 v1.0
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com