Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 84 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 84 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 80Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 81Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 82Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 83Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 84Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 85Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 86Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 87Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 88Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 483 page
background image
Power and clock management
LFCLKSTART
HFCLKSTART
LFCLKSTOP
HFCLKSTOP
LFCLKSTARTED
HFCLKSTARTED
CLOCK
32.768 kHz
32 MHz
LFCLK
Clock control
XL1
XL2
HFCLK
Clock control
XC1
XC2
CAL
SYNT
LFXO
Crystal oscillator
HFXO
Crystal oscillator
PCLK32KI
PCLK1M
PCLK16M
HCLK64M
LFRC
RC oscillator
HFINT
Internal oscillator
PCLK32M
Figure 17: Clock control
5.4.1 HFCLK clock controller
The HFCLK clock controller provides the following clocks to the system.
• HCLK64M: 64 MHz CPU clock
• PCLK1M: 1 MHz peripheral clock
• PCLK16M: 16 MHz peripheral clock
• PCLK32M: 32 MHz peripheral clock
The HFCLK controller supports the following high frequency clock (HFCLK) sources:
• 64 MHz internal oscillator (HFINT)
• 64 MHz crystal oscillator (HFXO)
For illustration, see Clock control on page 84.
When the system requests one or more clocks from the HFCLK controller, the HFCLK controller will
automatically provide them. If the system does not request any clocks provided by the HFCLK controller,
the controller will enter a power saving mode.
These clocks are only available when the system is in ON mode. When the system enters ON mode, the
internal oscillator (HFINT) clock source will automatically start to be able to provide the required HFCLK
clock(s) for the system.
The HFINT will be used when HFCLK is requested and HFXO has not been started. The HFXO is started by
triggering the HFCLKSTART task and stopped using the HFCLKSTOP task. A HFCLKSTARTED event will be
generated when the HFXO has started and its frequency is stable.
The HFXO must be running to use the RADIO or the calibration mechanism associated with the 32.768 kHz
RC oscillator.
5.4.1.1 64 MHz crystal oscillator (HFXO)
The 64 MHz crystal oscillator (HFXO) is controlled by a 32 MHz external crystal
4430_161 v1.0
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com