Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 61 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 61 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 57Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 58Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 59Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 60Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 61Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 62Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 65Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 483 page
background image
Power and clock management
5.2.1.10 WDT active
Symbol
Description
Min.
Typ.
Max.
Units
IWDT,STARTED
WDT started
1.3
µA
5.3 POWER — Power supply
This device has the following power supply features:
• On-chip LDO and DC/DC regulators
• Global System ON/OFF modes with individual RAM section power control
• Analog or digital pin wakeup from System OFF
• Supervisor HW to manage power on reset, brownout, and power fail
• Auto-controlled refresh modes for LDO and DC/DC regulators to maximize efficiency
• Automatic switching between LDO and DC/DC regulator based on load to maximize efficiency
Note: Two additional external passive components are required to use the DC/DC regulator.
5.3.1 Regulators
The following internal power regulator alternatives are supported:
• Internal LDO regulator
• Internal DC/DC regulator
The LDO is the default regulator.
The DC/DC regulator can be used as an alternative to the LDO regulator and is enabled through the
DCDCEN on page 70 register. Using the DC/DC regulator will reduce current consumption compared to
when using the LDO regulator, but the DC/DC regulator requires an external LC filter to be connected, as
shown in DC/DC regulator setup on page 62.
POWER
REG
LDO
DCDCEN
VDD
DCC
GND
DEC4
1.3V System power
Supply
DC/DC
Figure 13: LDO regulator setup
4430_161 v1.0
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com