Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 69 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 69 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 67Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 68Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 69Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 70Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 71Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 72Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 73Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 483 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
F
E
D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
Detected
1
Detected
D
RW LOCKUP
Reset from CPU lock-up detected
NotDetected
0
Not detected
Detected
1
Detected
E
RW OFF
Reset due to wake up from System OFF mode when wakeup
is triggered from DETECT signal from GPIO
NotDetected
0
Not detected
Detected
1
Detected
F
RW DIF
Reset due to wake up from System OFF mode when wakeup
is triggered from entering into debug interface mode
NotDetected
0
Not detected
Detected
1
Detected
5.3.9.4 SYSTEMOFF
Address offset: 0x500
System OFF register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
W SYSTEMOFF
Enable System OFF mode
Enter
1
Enable System OFF mode
5.3.9.5 POFCON
Address offset: 0x510
Power failure comparator configuration
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B B B B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW POF
Enable or disable power failure comparator
Disabled
0
Disable
Enabled
1
Enable
B
RW THRESHOLD
Power failure comparator threshold setting
V17
4
Set threshold to 1.7 V
V18
5
Set threshold to 1.8 V
V19
6
Set threshold to 1.9 V
V20
7
Set threshold to 2.0 V
V21
8
Set threshold to 2.1 V
V22
9
Set threshold to 2.2 V
V23
10
Set threshold to 2.3 V
V24
11
Set threshold to 2.4 V
V25
12
Set threshold to 2.5 V
V26
13
Set threshold to 2.6 V
V27
14
Set threshold to 2.7 V
4430_161 v1.0
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com