Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 57 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 57 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 53Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 54Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 55Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 56Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 57Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 58Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 59Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 60Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 61Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 483 page
background image
Power and clock management
5.2.1.2 Radio transmitting/receiving
Symbol
Description
Min.
Typ.
Max.
Units
IRADIO_TX0
Radio transmitting @ 4 dBm output power, 1 Mbps
Bluetooth low energy mode, Clock = HFXO, Regulator =
DCDC
8
mA
IRADIO_TX1
Radio transmitting @ 0 dBm output power, 1 Mbps
Bluetooth low energy mode, Clock = HFXO, Regulator =
DCDC
5.8
mA
IRADIO_TX2
Radio transmitting @ -40 dBm output power, 1 Mbps
Bluetooth low energy mode, Clock = HFXO, Regulator =
DCDC
3.4
mA
IRADIO_RX0
Radio receiving @ 1 Mbps Bluetooth low energy mode,
Clock = HFXO, Regulator = DCDC
6.1
mA
IRADIO_TX3
Radio transmitting @ 0 dBm output power, 1 Mbps
Bluetooth low energy mode, Clock = HFXO
10.5
mA
IRADIO_TX4
Radio transmitting @ -40 dBm output power, 1 Mbps
Bluetooth low energy mode, Clock = HFXO
5.1
mA
IRADIO_RX1
Radio receiving @ 1 Mbps Bluetooth low energy mode,
Clock = HFXO
10.8
mA
7
8
9
10
11
12
13
14
15
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Supply voltage [V]
-40 ºC
25 ºC
85 ºC
Figure 9: Radio transmitting @ 4 dBm output power, 1 Mbps Bluetooth
low energy mode, Clock = HFXO, Regulator = DCDC (typical values)
4430_161 v1.0
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com