Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 14 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 14 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 10Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 11Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 12Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 14Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 18Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 483 page
background image
4 Core components
4.1 CPU
The ARM® Cortex®-M4 processor has a 32-bit instruction set (Thumb®-2 technology) that implements a
superset of 16 and 32-bit instructions to maximize code density and performance.
This processor implements several features that enable energy-efficient arithmetic and high-performance
signal processing including:
• Digital signal processing (DSP) instructions
• Single-cycle multiply and accumulate (MAC) instructions
• Hardware divide
• 8 and 16-bit single instruction multiple data (SIMD) instructions
The ARM Cortex Microcontroller Software Interface Standard (CMSIS) hardware abstraction layer for the
ARM Cortex processor series is implemented and available for the M4 CPU.
Real-time execution is highly deterministic in thread mode, to and from sleep modes, and when handling
events at configurable priority levels via the nested vectored interrupt controller (NVIC).
Executing code from flash will have a wait state penalty on the nRF52 Series. The section Electrical
specification on page 14 shows CPU performance parameters including wait states in different modes,
CPU current and efficiency, and processing power and efficiency based on the CoreMark® benchmark.
The ARM System Timer (SysTick) is present on the device. The SysTick's clock will only tick when the CPU is
running or when the system is in debug interface mode.
4.1.1 Electrical specification
4.1.1.1 CPU performance
The CPU clock speed is 64 MHz. Current and efficiency data is taken when in System ON and the CPU is
executing the CoreMark® benchmark. It includes power regulator and clock base currents. All other blocks
are IDLE.
Symbol
Description
Min.
Typ.
Max.
Units
WFLASH
CPU wait states, running from flash
0
2
WRAM
CPU wait states, running from RAM
0
CMFLASH
CoreMark1, running from flash
144
CoreMark
CMFLASH/MHz
CoreMark per MHz, running from flash
2.25
CoreMark/
MHz
CMFLASH/mA
CoreMark per mA, running from flash, DCDC 3V
60
CoreMark/
mA
4.1.2 CPU and support module configuration
The ARM® Cortex®-M4 processor has a number of CPU options and support modules implemented on the
device.
1 Using IAR v6.50.1.4452 with flags --endian=little --cpu=Cortex-M4 -e --fpu=VFPv4_sp –Ohs --
no_size_constraints
4430_161 v1.0
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com