Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 65 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 65 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 61Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 62Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 67Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 68Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 69Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 483 page
background image
Power and clock management
5.3.5 RAM sections
RAM section power control is used for retention in System OFF mode and for powering down unused
sections in System ON mode.
Each RAM section can power up and down independently in both System ON and System OFF mode. See
chapter Memory on page 15 for more information on RAM sections.
5.3.6 Reset
There are multiple sources that may trigger a reset.
After a reset has occurred, register RESETREAS can be read to determine which source generated the
reset.
5.3.6.1 Power-on reset
The power-on reset generator initializes the system at power-on.
The system is held in reset state until the supply has reached the minimum operating voltage and the
internal voltage regulators have started.
A step increase in supply voltage of 300 mV or more, with rise time of 300 ms or less, within the valid
supply range, may result in a system reset.
5.3.6.2 Pin reset
A pin reset is generated when the physical reset pin on the device is asserted.
Pin reset is configured via the PSELRESET[0] and PSELRESET[1] registers.
Note: Pin reset is not available on all pins.
5.3.6.3 Wakeup from System OFF mode reset
The device is reset when it wakes up from System OFF mode.
The DAP is not reset following a wake up from System OFF mode if the device is in debug interface mode.
Refer to chapter Debug on page 50 for more information.
5.3.6.4 Soft reset
A soft reset is generated when the SYSRESETREQ bit of the Application Interrupt and Reset Control
Register (AIRCR register) in the ARM® core is set.
Refer to ARM documentation for more details.
A soft reset can also be generated via the RESET on page 52 register in the CTRL-AP.
5.3.6.5 Watchdog reset
A Watchdog reset is generated when the watchdog times out.
Refer to chapter WDT — Watchdog timer on page 454 for more information.
5.3.6.6 Brown-out reset
The brown-out reset generator puts the system in reset state if the supply voltage drops below the
brownout reset (BOR) threshold.
Refer to section Power fail comparator on page 83 for more information.
4430_161 v1.0
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com