Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 53 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 53 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 53Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 54Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 55Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 56Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 57Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 483 page
background image
Core components
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
ERASEALLSTATUS
Status register for the ERASEALL operation
Ready
0
ERASEALL is ready
Busy
1
ERASEALL is busy (on-going)
4.8.2.1.4 APPROTECTSTATUS
Address offset: 0x00C
Status register for access port protection
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
APPROTECTSTATUS
Status register for access port protection
Enabled
0
Access port protection enabled
Disabled
1
Access port protection not enabled
4.8.2.1.5 IDR
Address offset: 0x0FC
CTRL-AP Identification Register, IDR
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
E E E E D D D D C C C C C C C B B B B
A A A A A A A A
Reset 0x02880000
0 0 0 0 0 0 1 0 1 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
APID
AP Identification
B
R
CLASS
Access Port (AP) class
NotDefined
0x0
No defined class
MEMAP
0x8
Memory Access Port
C
R
JEP106ID
JEDEC JEP106 identity code
D
R
JEP106CONT
JEDEC JEP106 continuation code
E
R
REVISION
Revision
4.8.2.2 Electrical specification
4.8.2.2.1 Control access port
Symbol
Description
Min.
Typ.
Max.
Units
Rpull
Internal SWDIO and SWDCLK pull up/down resistance
13
kΩ
4.8.3 Debug interface mode
Before the external debugger can access the CPU's access port (AHB-AP) or the Control Access Port (CTRL-
AP), the debugger must first request the device to power up via CxxxPWRUPREQ in the SWJ-DP.
As long as the debugger is requesting power via CxxxPWRUPREQ, the device will be in debug interface
mode. If the debugger is not requesting power via CxxxPWRUPREQ, the device will be in normal mode.
4430_161 v1.0
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com