Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 10 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 10 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 6Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 7Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 8Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 9Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 10Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 11Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 12Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 14Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 483 page
background image
2 About this document
This product specification is organized into chapters based on the modules and peripherals that are
available in this IC.
The peripheral descriptions are divided into separate sections that include the following information:
• A detailed functional description of the peripheral
• Register configuration for the peripheral
• Electrical specification tables, containing performance data which apply for the operating conditions
described in Recommended operating conditions on page 476.
2.1 Document naming and status
Nordic uses three distinct names for this document, which are reflecting the maturity and the status of the
document and its content.
Document name
Description
Objective Product Specification (OPS)
Applies to document versions up to 0.7.
This product specification contains target
specifications for product development.
Preliminary Product Specification (PPS)
Applies to document versions 0.7 and up to 1.0.
This product specification contains preliminary
data. Supplementary data may be published from
Nordic Semiconductor ASA later.
Product Specification (PS)
Applies to document versions 1.0 and higher.
This product specification contains final product
specifications. Nordic Semiconductor ASA reserves
the right to make changes at any time without
notice in order to improve design and supply the
best possible product.
Table 1: Defined document names
2.2 Peripheral naming and abbreviations
Every peripheral has a unique capitalized name or an abbreviation of its name, e.g. TIMER, used for
identification and reference. This name is used in chapter headings and references, and it will appear in
the ARM® Cortex® Microcontroller Software Interface Standard (CMSIS) hardware abstraction layer to
identify the peripheral.
The peripheral instance name, which is different from the peripheral name, is constructed using the
peripheral name followed by a numbered postfix, starting with 0, for example, TIMER0. A postfix is
normally only used if a peripheral can be instantiated more than once. The peripheral instance name is
also used in the CMSIS to identify the peripheral instance.
4430_161 v1.0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com