Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 66 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 66 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 62Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 67Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 68Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 69Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 70Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 483 page
background image
Power and clock management
5.3.7 Retained registers
A retained register is a register that will retain its value in System OFF mode and through a reset,
depending on reset source. See individual peripheral chapters for information of which registers are
retained for the various peripherals.
5.3.8 Reset behavior
Reset target
Reset source
CPU
Peripherals GPIO
Debuga
SWJ-DP
RAM
WDT
Retained
registers
RESETREAS
CPU lockup 5
x
x
x
Soft reset
x
x
x
Wakeup from System OFF
mode reset
x
x
x 6
x 7
Watchdog reset 8
x
x
x
x
x
x
x
Pin reset
x
x
x
x
x
x
x
Brownout reset
x
x
x
x
x
x
x
x
x
Power on reset
x
x
x
x
x
x
x
x
x
Note: The RAM is never reset, but depending on reset source, RAM content may be corrupted.
5.3.9 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40000000
POWER
POWER
Power control
For 24 kB RAM variant, only RAM[0].x to
RAM[2].x registers are in use.
Table 14: Instances
Register
Offset
Description
TASKS_CONSTLAT
0x078
Enable constant latency mode
TASKS_LOWPWR
0x07C
Enable low power mode (variable latency)
EVENTS_POFWARN
0x108
Power failure warning
EVENTS_SLEEPENTER 0x114
CPU entered WFI/WFE sleep
EVENTS_SLEEPEXIT
0x118
CPU exited WFI/WFE sleep
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
RESETREAS
0x400
Reset reason
SYSTEMOFF
0x500
System OFF register
POFCON
0x510
Power failure comparator configuration
GPREGRET
0x51C
General purpose retention register
a All debug components excluding SWJ-DP. See Debug on page 50 chapter for more information about
the different debug components in the system.
5 Reset from CPU lockup is disabled if the device is in debug interface mode. CPU lockup is not possible
in System OFF.
6 The Debug components will not be reset if the device is in debug interface mode.
7 RAM is not reset on wakeup from OFF mode, but depending on settings in the RAM register parts, or
the whole RAM, may not be retained after the device has entered System OFF mode.
8 Watchdog reset is not available in System OFF.
4430_161 v1.0
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com