Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 51 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 51 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 53Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 54Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 55Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 483 page
background image
Core components
DAP
CPU
ARM Cortex-M4
SWDCLK
SWDIO
SW-DP
POWER
CxxxPWRUPREQ
CxxxPWRUPRACK
Power
External
Debugger
Peripherals
RAM & flash
APB/AHB
AHB
AHB-AP
DAP bus
interconnect
APPROTECT.PALL
CTRL-AP
UICR
NVMC
Figure 7: Overview
The main features of the debug system are:
• Two-pin Serial Wire Debug (SWD) interface
• Flash Patch and Breakpoint Unit (FPB) supports:
• Two literal comparators
• Six instruction comparators
4.8.1 DAP - Debug Access Port
An external debugger can access the device via the DAP.
The DAP implements a standard ARM® CoreSight™ Serial Wire Debug Port (SW-DP).
The SW-DP implements the Serial Wire Debug protocol (SWD) that is a two-pin serial interface, see
SWDCLK and SWDIO in Overview on page 51.
In addition to the default access port in the CPU (AHB-AP), the DAP includes a custom Control Access Port
(CTRL-AP). The CTRL-AP is described in more detail in CTRL-AP - Control Access Port on page 51.
Important:
• The SWDIO line has an internal pull-up resistor.
• The SWDCLK line has an internal pull-down resistor.
4.8.2 CTRL-AP - Control Access Port
The Control Access Port (CTRL-AP) is a custom access port that enables control of the device even if the
other access ports in the DAP are being disabled by the access port protection.
Access port protection blocks the debugger from read and write access to all CPU registers and memory-
mapped addresses. See the UICR register APPROTECT on page 47 for more information about
enabling access port protection.
This access port enables the following features:
• Soft reset, see Reset on page 65 for more information
• Disable access port protection
4430_161 v1.0
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com