Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 125 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 125 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 121Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 122Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 123Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 124Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 125Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 126Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 127Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 128Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 129Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
RESULT
Result of last compare. Decision point SAMPLE task.
Below
0
Input voltage is below the threshold (VIN+ < VIN-)
Above
1
Input voltage is above the threshold (VIN+ > VIN-)
6.5.3.6 ENABLE
Address offset: 0x500
COMP enable
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW ENABLE
Enable or disable COMP
Disabled
0
Disable
Enabled
2
Enable
6.5.3.7 PSEL
Address offset: 0x504
Pin select
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW PSEL
Analog pin select
AnalogInput0
0
AIN0 selected as analog input
AnalogInput1
1
AIN1 selected as analog input
AnalogInput2
2
AIN2 selected as analog input
AnalogInput3
3
AIN3 selected as analog input
AnalogInput4
4
AIN4 selected as analog input
AnalogInput5
5
AIN5 selected as analog input
AnalogInput6
6
AIN6 selected as analog input
VddDiv2
7
VDD/2 selected as analog input
6.5.3.8 REFSEL
Address offset: 0x508
Reference source select for single-ended mode
4430_161 v1.0
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com