Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 131 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 131 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 127Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 128Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 129Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 130Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 131Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 132Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 133Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 134Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 135Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 483 page
background image
Peripherals
Register
Offset
Description
TASKS_TRIGGER[5]
0x014
Trigger 5 for triggering the corresponding TRIGGERED[5] event
TASKS_TRIGGER[6]
0x018
Trigger 6 for triggering the corresponding TRIGGERED[6] event
TASKS_TRIGGER[7]
0x01C
Trigger 7 for triggering the corresponding TRIGGERED[7] event
TASKS_TRIGGER[8]
0x020
Trigger 8 for triggering the corresponding TRIGGERED[8] event
TASKS_TRIGGER[9]
0x024
Trigger 9 for triggering the corresponding TRIGGERED[9] event
TASKS_TRIGGER[10]
0x028
Trigger 10 for triggering the corresponding TRIGGERED[10] event
TASKS_TRIGGER[11]
0x02C
Trigger 11 for triggering the corresponding TRIGGERED[11] event
TASKS_TRIGGER[12]
0x030
Trigger 12 for triggering the corresponding TRIGGERED[12] event
TASKS_TRIGGER[13]
0x034
Trigger 13 for triggering the corresponding TRIGGERED[13] event
TASKS_TRIGGER[14]
0x038
Trigger 14 for triggering the corresponding TRIGGERED[14] event
TASKS_TRIGGER[15]
0x03C
Trigger 15 for triggering the corresponding TRIGGERED[15] event
EVENTS_TRIGGERED[0] 0x100
Event number 0 generated by triggering the corresponding TRIGGER[0] task
EVENTS_TRIGGERED[1] 0x104
Event number 1 generated by triggering the corresponding TRIGGER[1] task
EVENTS_TRIGGERED[2] 0x108
Event number 2 generated by triggering the corresponding TRIGGER[2] task
EVENTS_TRIGGERED[3] 0x10C
Event number 3 generated by triggering the corresponding TRIGGER[3] task
EVENTS_TRIGGERED[4] 0x110
Event number 4 generated by triggering the corresponding TRIGGER[4] task
EVENTS_TRIGGERED[5] 0x114
Event number 5 generated by triggering the corresponding TRIGGER[5] task
EVENTS_TRIGGERED[6] 0x118
Event number 6 generated by triggering the corresponding TRIGGER[6] task
EVENTS_TRIGGERED[7] 0x11C
Event number 7 generated by triggering the corresponding TRIGGER[7] task
EVENTS_TRIGGERED[8] 0x120
Event number 8 generated by triggering the corresponding TRIGGER[8] task
EVENTS_TRIGGERED[9] 0x124
Event number 9 generated by triggering the corresponding TRIGGER[9] task
EVENTS_TRIGGERED[10]0x128
Event number 10 generated by triggering the corresponding TRIGGER[10] task
EVENTS_TRIGGERED[11]0x12C
Event number 11 generated by triggering the corresponding TRIGGER[11] task
EVENTS_TRIGGERED[12]0x130
Event number 12 generated by triggering the corresponding TRIGGER[12] task
EVENTS_TRIGGERED[13]0x134
Event number 13 generated by triggering the corresponding TRIGGER[13] task
EVENTS_TRIGGERED[14]0x138
Event number 14 generated by triggering the corresponding TRIGGER[14] task
EVENTS_TRIGGERED[15]0x13C
Event number 15 generated by triggering the corresponding TRIGGER[15] task
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
Table 35: Register Overview
6.7.1.1 INTEN
Address offset: 0x300
Enable or disable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW TRIGGERED0
Enable or disable interrupt for TRIGGERED[0] event
See EVENTS_TRIGGERED[0]
Disabled
0
Disable
Enabled
1
Enable
B
RW TRIGGERED1
Enable or disable interrupt for TRIGGERED[1] event
See EVENTS_TRIGGERED[1]
Disabled
0
Disable
Enabled
1
Enable
C
RW TRIGGERED2
Enable or disable interrupt for TRIGGERED[2] event
See EVENTS_TRIGGERED[2]
4430_161 v1.0
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com