Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 191 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 191 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 187Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 188Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 189Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 190Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 191Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 192Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 193Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 194Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 195Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 483 page
background image
Peripherals
Register
Offset
Description
TASKS_CLR[0]
0x060
Task for writing to pin specified in CONFIG[0].PSEL. Action on pin is to set it low.
TASKS_CLR[1]
0x064
Task for writing to pin specified in CONFIG[1].PSEL. Action on pin is to set it low.
TASKS_CLR[2]
0x068
Task for writing to pin specified in CONFIG[2].PSEL. Action on pin is to set it low.
TASKS_CLR[3]
0x06C
Task for writing to pin specified in CONFIG[3].PSEL. Action on pin is to set it low.
TASKS_CLR[4]
0x070
Task for writing to pin specified in CONFIG[4].PSEL. Action on pin is to set it low.
TASKS_CLR[5]
0x074
Task for writing to pin specified in CONFIG[5].PSEL. Action on pin is to set it low.
TASKS_CLR[6]
0x078
Task for writing to pin specified in CONFIG[6].PSEL. Action on pin is to set it low.
TASKS_CLR[7]
0x07C
Task for writing to pin specified in CONFIG[7].PSEL. Action on pin is to set it low.
EVENTS_IN[0]
0x100
Event generated from pin specified in CONFIG[0].PSEL
EVENTS_IN[1]
0x104
Event generated from pin specified in CONFIG[1].PSEL
EVENTS_IN[2]
0x108
Event generated from pin specified in CONFIG[2].PSEL
EVENTS_IN[3]
0x10C
Event generated from pin specified in CONFIG[3].PSEL
EVENTS_IN[4]
0x110
Event generated from pin specified in CONFIG[4].PSEL
EVENTS_IN[5]
0x114
Event generated from pin specified in CONFIG[5].PSEL
EVENTS_IN[6]
0x118
Event generated from pin specified in CONFIG[6].PSEL
EVENTS_IN[7]
0x11C
Event generated from pin specified in CONFIG[7].PSEL
EVENTS_PORT
0x17C
Event generated from multiple input GPIO pins with SENSE mechanism enabled
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
CONFIG[0]
0x510
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[1]
0x514
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[2]
0x518
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[3]
0x51C
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[4]
0x520
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[5]
0x524
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[6]
0x528
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[7]
0x52C
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
Table 41: Register Overview
6.9.4.1 INTENSET
Address offset: 0x304
Enable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
I
H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW IN0
Write '1' to Enable interrupt for IN[0] event
See EVENTS_IN[0]
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW IN1
Write '1' to Enable interrupt for IN[1] event
See EVENTS_IN[1]
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C
RW IN2
Write '1' to Enable interrupt for IN[2] event
See EVENTS_IN[2]
Set
1
Enable
4430_161 v1.0
191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com