Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 202 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 202 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 198Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 199Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 200Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 201Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 202Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 203Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 204Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 205Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 206Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 483 page
background image
Peripherals
DIN
CLK
Band-pass and
Decimation (right)
Band-pass and
Decimation (left)
Master clock
generator
PDM to PCM
PDM to PCM
Figure 41: PDM module
6.10.1 Master clock generator
The FREQ field in the master clock's PDMCLKCTRL register allows adjusting the PDM clock's frequency.
The master clock generator does not add any jitter to the HFCLK source chosen. It is recommended (but
not mandatory) to use the Xtal as HFCLK source.
6.10.2 Module operation
By default, bits from the left PDM microphone are sampled on PDM_CLK falling edge, bits for the right are
sampled on the rising edge of PDM_CLK, resulting in two bitstreams. Each bitstream is fed into a digital
filter which converts the PDM stream into 16-bit PCM samples, and filters and down-samples them to
reach the appropriate sample rate.
The EDGE field in the MODE register allows swapping Left and Right, so that Left will be sampled on rising
edge, and Right on falling.
The PDM module uses EasyDMA to store the samples coming out from the filters into one buffer in RAM.
Depending on the mode chosen in the OPERATION field in the MODE register, memory either contains
alternating left and right 16-bit samples (Stereo), or only left 16-bit samples (Mono).
To ensure continuous PDM sampling, it is up to the application to update the EasyDMA destination
address pointer as the previous buffer is filled.
The continuous transfer can be started or stopped by sending the START and STOP tasks. STOP becomes
effective after the current frame has finished transferring, which will generate the STOPPED event. The
STOPPED event indicates that all activity in the module are finished, and that the data is available in RAM
(EasyDMA has finished transferring as well). Attempting to restart before receiving the STOPPED event
may result in unpredictable behaviour.
6.10.3 Decimation filter
In order to convert the incoming data stream into PCM audio samples, a decimation filter is included in
the PDM interface module.
The input of the filter is the two-channel PDM serial stream (with left channel on clock high, right channel
on clock low), its output is 2 × 16-bit PCM samples at a sample rate 64 times lower than the PDM clock
rate.
The filter stage of each channel is followed by a digital volume control, to attenuate or amplify the output
samples in a range of -20 dB to +20 dB around the default (reset) setting, defined by GPDM,default. The gain
is controlled by the GAINL and GAINR registers.
As an example, if the goal is to achieve 2500 RMS output samples (16 bit) with a 1 kHz 90 dBA signal
into a -26 dBFS sensitivity PDM microphone, the user will have to sum the PDM module's default gain
4430_161 v1.0
202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com