Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 303 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 303 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 299Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 300Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 301Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 302Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 303Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 304Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 305Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 306Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 307Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
E D
C C C B B B B B B B B A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW MAXLEN
[0..255]
Maximum length of packet payload. If the packet payload is
larger than MAXLEN, the radio will truncate the payload to
MAXLEN.
B
RW STATLEN
[0..255]
Static length in number of bytes
The static length parameter is added to the total length of
the payload when sending and receiving packets, e.g. if the
static length is set to N the radio will receive or send N bytes
more than what is defined in the LENGTH field of the packet.
C
RW BALEN
[2..4]
Base address length in number of bytes
The address field is composed of the base address and the
one byte long address prefix, e.g. set BALEN=2 to get a total
address of 3 bytes.
D
RW ENDIAN
On air endianness of packet, this applies to the S0, LENGTH,
S1 and the PAYLOAD fields.
Little
0
Least Significant bit on air first
Big
1
Most significant bit on air first
E
RW WHITEEN
Enable or disable packet whitening
Disabled
0
Disable
Enabled
1
Enable
6.14.14.14 BASE0
Address offset: 0x51C
Base address 0
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW BASE0
Base address 0
Radio base address 0.
6.14.14.15 BASE1
Address offset: 0x520
Base address 1
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW BASE1
Base address 1
Radio base address 1.
6.14.14.16 PREFIX0
Address offset: 0x524
4430_161 v1.0
303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com