Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 3Page - STMicroelectronics ST10 Datasheet HTML 4Page - STMicroelectronics ST10 Datasheet HTML 5Page - STMicroelectronics ST10 Datasheet HTML 6Page - STMicroelectronics ST10 Datasheet HTML 7Page - STMicroelectronics ST10 Datasheet HTML 8Page - STMicroelectronics ST10 Datasheet HTML 9Page - STMicroelectronics ST10 Datasheet HTML 10Page - STMicroelectronics ST10 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
ST10F163
7/58
P4.0 – P4.7
23-26
29-32
I/O
8-bit bidirectional I/O port, bit-wise programmable for input or output via direc-
tion bits. For a pin configured as input, the output driver is put into high-imped-
ance state. For external bus configuration, Port 4 can be used to output the
segment address lines:
23
O
P4.0
A16
Least Significant Segment Addr. Line
...
...
...
...
...
26
O
P4.3
A19
Segment Address Line
29
O
P4.4
A20
Segment Address Line
O
SSPCE1
SSP Chip Enable Line 1
30
O
P4.5
A21
Segment Address Line
O
SSPCE0
SSP Chip Enable Line 0
31
O
P4.6
A22
Segment Address Line
I/O
SSPDAT
SSP Data Input/Output Line
32
O
P4.7
A23
Most Significant Segment Addr. Line
O
SSPCLK
SSP Clock Output Line
RD
33
O
External Memory Read Strobe. RD is activated for every external instruction or
data read access.
WR/WRL
34
O
External Memory Write Strobe. In WR-mode this pin is activated for every
external data write access. In WRL-mode this pin is activated for low byte data
write accesses on a 16-bit bus, and for every data write access on an 8-bit bus.
See WRCFG in register SYSCON for mode selection.
READY
35
I
Ready Input. When the READY function is enabled, a high level at this pin dur-
ing an external memory access will force the insertion of memory cycle time
waitstates until the pin returns to a low level.
ALE
36
O
Address Latch Enable Output. Can be used for latching the address into exter-
nal memory or an address latch in the multiplexed bus modes.
EA
37
I
External Access Enable pin. A low level at this pin during and after Reset forces
the device to begin instruction execution out of external memory. A high level
forces execution out of the internal flash EPROM.
PORT0:
P0L.0-P0L.7
P0H.0-P0H.7
41-48
51-58
I/O
Two 8-bit bidirectional I/O ports P0L and P0H, bit-wise programmable for input
or output via direction bits. For a pin configured as input, the output driver is put
into high-impedance state.
In case of an external bus configuration, PORT0 serves as the address (A) and
address/data (AD) bus in multiplexed bus modes and as the data (D) bus in
demultiplexed bus modes.
Table 1 : Pin definitions and functions (continued)
Symbol
Pin
Number(
TQFP )
Input (I)
Output
(O)
Function
Demultiplexed bus modes
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
D0 – D7
D0 - D7
P0H.0 – P0H.7:
I/O
D8 - D15
Multiplexed bus modes
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
AD0 – AD7
AD0 - AD7
P0H.0 – P0H.7:
A8 – A15
AD8 – AD15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com