Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 1 Page - STMicroelectronics

  ST10 Datasheet HTML 1Page - STMicroelectronics ST10 Datasheet HTML 2Page - STMicroelectronics ST10 Datasheet HTML 3Page - STMicroelectronics ST10 Datasheet HTML 4Page - STMicroelectronics ST10 Datasheet HTML 5Page - STMicroelectronics ST10 Datasheet HTML 6Page - STMicroelectronics ST10 Datasheet HTML 7Page - STMicroelectronics ST10 Datasheet HTML 8Page - STMicroelectronics ST10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
1/58
April 1999
s HIGH PERFORMANCE CPU
– HIGH
PERFORMANCE
16-BIT
CPU
WIT H
4-STAGE PIPELINE
– 80ns INSTRUCTION CYCLE TIME @ 25MHz CPU
CLOCK
– 400ns MULTIPLICATION (16
× 16 BITS)
– 800ns DIVISION (32 / 16 BIT)
– ENHANCED BOOLEAN BIT MANIPULATION FA-
CILITIES
– ADDITIONAL INSTRUCTIONS TO SUPPORT HLL
AND OPERATING SYSTEMS
– SINGLE-CYCLE CONTEXT SWIT CHING SUP-
PORT
s MEMORY ORGANIZATION
– UP TO 16 MBYTES LINEAR ADDRESS SPACE
FOR CODE AND DATA (1MBYTE WITH SSP
USED)
– 1 KBYTES ON-CHIP RAM
– 128 KBYTES ON-CHIP FLASH MEMORY
– 4 INDEPENDENTLY ERASABLE BANKS OF
FLASH
s FAST AND FLEXIBLE BUS
– PROGRAMMABLE EBC
– 8-BIT OR 16-BIT EXTERNAL DATA BUS
– MULTIPLEXED OR DEMULTIPLEXED EXTER-
NAL ADDRESS/DATA BUSES
– FIVE PROGRAMMABLE CHIP-SELECT SIGNALS
– HOLD AND HOLD-ACKNOWLEDGE BUS ARBI-
TRATION SUPPORT
s ON-CHIP BOOTSTRAP LOADER
s FAIL-SAFE PROTECTION
– PROGRAMMABLE WATCHDOG TIMER
– OSCILLATOR WATCHDOG
s INTERRUPT
– 8-CHANNEL INTERRUPT-DRIVEN SINGLE-CY-
CLE DATA TRANSFER FACILITIES VIA PERIPH-
ERAL EVENT CONTROLLER (PEC)
– 16-PRIORITY-LEVEL
INTERRUPT
SYSTEM
WITH 20 SOURCES, SAMPLE-RATE DOWN TO
40ns
s TIMERS
– TWO GENERAL PURPOSE TIMER UNITS WITH 5
TIMERS
s CLOCK GENERATION
– ON-CHIP PLL
– DIRECT OR PRESCALED CLOCK INPUT
s UP TO 77 GENERAL PURPOSE I/O LINES
s IDLE AND POWER DOWN MODES
s SERIAL CHANNELS
– SYNCHRONOUS/ASYNCHRONOUS
– HIGH-SPEEDSYNCHRONOUS SERIAL PORTSSP
s DEVELOPMENT SUPPORT
– C-COMPILERS, MACRO-ASSEMBLER PACKAG-
ES,
EMULATORS,
EVALUATION
BOARDS,
HLL-DEBUGGERS, SIMULATORS, LOGIC ANA-
LYZER
DISASSEMBLERS,
PROGRAMMING
BOARDS
s PACKAGE
– 100-PIN THIN QUAD FLAT PACK (TQFP)
PQFP100 (14 x 14 mm)
(Plastic Quad Flat Pack)
P.6
P.5
P.3
P.2
BRG
BRG
CPU
Interrupt Controller
PEC
ST10F163
16-BIT MCU WITH 128KBYTE FLASH MEMORY
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.


Similar Part No. - ST10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10 STMICROELECTRONICS-ST10 Datasheet
433Kb / 65P
16-BIT MCU WITH 32K BYTE ROM
Aug-1999
logo
Astrodyne Corporation
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
Isolated and Regulated 10 Watt Modular DC/DC Converters
logo
Arch Electronics Corp.
ST10 ARCH-ST10 Datasheet
165Kb / 4P
Encapsulated DC-DC Converter
logo
AVX Corporation
ST10 AVX-ST10 Datasheet
146Kb / 2P
Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
logo
Japan Aviation Electron...
ST10 JAE-ST10 Datasheet
377Kb / 4P
microSDTM Small Memory Card Connector
More results

Similar Description - ST10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
16-BIT MCU WITH 128K BYTE FLASH MEMORY
May-1997
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
ST10F166 STMICROELECTRONICS-ST10F166 Datasheet
515Kb / 62P
16-BIT MCU WITH 256K FLASH MEMORY
Feb-1996
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
logo
STMicroelectronics
ST10F272 STMICROELECTRONICS-ST10F272 Datasheet
3Mb / 179P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
29-Jun-2006
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
2Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
08-Jun-2006
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
11-May-2006
ST10F272M STMICROELECTRONICS-ST10F272M Datasheet
3Mb / 175P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
09-May-2007
ST10F272M STMICROELECTRONICS-ST10F272M_12 Datasheet
1Mb / 176P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
15-May-2012
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
8-bit MCU with single voltage Flash memory
04-Feb-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com