Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 40Page - STMicroelectronics ST10 Datasheet HTML 41Page - STMicroelectronics ST10 Datasheet HTML 42Page - STMicroelectronics ST10 Datasheet HTML 43Page - STMicroelectronics ST10 Datasheet HTML 44Page - STMicroelectronics ST10 Datasheet HTML 45Page - STMicroelectronics ST10 Datasheet HTML 46Page - STMicroelectronics ST10 Datasheet HTML 47Page - STMicroelectronics ST10 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
ST10F163
44/58
XVI.4.11 - Demultiplexed bus
VDD =5 V ± 10%
VSS =0 V
TA = 0 to +70 °CCL = 100 pF
ALE cycle time = 4 TCL + 2tA +tC +tF (80 ns at 25 MHz CPU clock without waitstates)
Table 17 : Demultiplexed bus characteristics
Parameter
Symbol
Max. CPU Clock
= 25MHz
Variable CPU Clock
1/2TCL = 1 to 25MHz
min.
max.
min.
max.
ALE high time
t5
CC
10 + tA
–
TCL -
10+ tA
–ns
Address setup to ALE
t6
CC
4 + tA
–
TCL -
16+ tA
–ns
Address/Unlatched CS setup to RD, WR
(with RW-delay)
t80
CC
30 + 2tA
–
2TCL - 10
+2tA
–ns
Address/Unlatched CS setup to RD, WR
(no RW-delay)
t81
CC
10 + 2tA
–
TCL -10
+2tA
–ns
RD, WR low time (with RW-delay)
t12
CC
30 + tC
–
2TCL - 10
+tC
–ns
RD, WR low time (no RW-delay)
t13
CC
50 + tC
–
3TCL - 10
+tC
–ns
RD to valid data in (with RW-delay)
t14
SR
–
20 + tC
–
2TCL - 20
+tC
ns
RD to valid data in (no RW-delay)
t15
SR
–
40 + tC
–
3TCL - 20
+tC
ns
ALE low to valid data in
t16
SR
–
40 + tA +
tC
–
3TCL - 20
+tA +tC
ns
Address/Unlatched CS to valid data in
t17
SR
–
50 + 2tA +
tC
–
4TCL - 30
+2tA +tC
ns
Data hold after RD rising edge
t18
SR
0–0–
ns
Data float after RD rising edge (with RW-delay1))
t20
SR
–
26 + tF
–
2TCL - 14
+tF +
2tA
1)
ns
Data float after RD rising edge (no RW-delay1))
t21
SR
–
10 + tF
–
TCL - 10
+tF +
2tA
1)
ns
Data valid to WR
t22
CC
20 + tC
–
2TCL- 20
+tC
–ns
Data hold after WR
t24
CC
10 + tF
–
TCL -
10+ tF
–ns
ALE rising edge after RD, WR
t26
CC
-10 + tF
–-10 + tF
–ns
Address/Unlatched CS hold after RD, WR 2)
t28
CC
0 + tF
–0 + tF
–ns
ALE falling edge to Latched CS
t38
CC
-4 - tA
10 - tA
-4 - tA
10 - tA
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com