Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 2Page - STMicroelectronics ST10 Datasheet HTML 3Page - STMicroelectronics ST10 Datasheet HTML 4Page - STMicroelectronics ST10 Datasheet HTML 5Page - STMicroelectronics ST10 Datasheet HTML 6Page - STMicroelectronics ST10 Datasheet HTML 7Page - STMicroelectronics ST10 Datasheet HTML 8Page - STMicroelectronics ST10 Datasheet HTML 9Page - STMicroelectronics ST10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
ST10F163
6/58
Table 1 : Pin definitions and functions
Symbol
Pin
Number(
TQFP )
Input (I)
Output
(O)
Function
P5.10 – P5.15
98-100
1- 3
I
I
6-bit input-only port with Schmitt-Trigger characteristics.
Port 5 pins also serve as timer inputs:
98
I
P5.10
T6EUD
GPT2 Timer T6 Ext.Up/Down Ctrl.Input
99
I
P5.11
T5EUD
GPT2 Timer T5 Ext.Up/Down Ctrl.Input
100
I
P5.12
T6IN
GPT2 Timer T6 Count Input
1
I
P5.13
T5IN
GPT2 Timer T5 Count Input
2
I
P5.14
T4EUD
GPT1 Timer T4 Ext.Up/Down Ctrl.Input
3
I
P5.15
T2EUD
GPT1 Timer T2 Ext.Up/Down Ctrl.Input
XTAL1
5
I
XTAL1: Input to the oscillator amplifier and input to the internal clock generator
XTAL2
6
O
XTAL2: Output of the oscillator amplifier circuit.
To clock the device from an external source, drive XTAL1, while leaving XTAL2
unconnected. Minimum and maximum high/low and rise/fall times specified in
the AC Characteristics must be observed.
P3.0 – P3.13,
P3.15
8- 21
22
I/O
I/O
15-bit (P3.14 is missing) bidirectional I/O port, bit-wise programmable for input
or output via direction bits. For a pin configured as input, the output driver is put
into high-impedance state. Port 3 outputs can be configured as push/pull or
open drain drivers. The following Port 3 pins have alternate functions:
9
O
P3.1
T6OUT
GPT2 Timer T6 Toggle Latch Output
10
I
P3.2
CAPIN
GPT2 Register CAPREL Capture Input
11
IO
P3.3
T3OUT
GPT1 Timer T3 Toggle Latch Output
12
I
P3.4
T3EUD
GPT1 Timer T3 Ext.Up/Down Ctrl.Input
13
I
P3.5
T4IN
GPT1 Timer T4 Input for Count/Gate/Reload/Capture
14
I
P3.6
T3IN
GPT1 Timer T3 Count/Gate Input
15
I
P3.7
T2IN
GPT1 Timer T2 Input for Count/Gate/Reload/Capture
18
O
P3.10
TxD0
ASC0 Clock/Data Output (Asyn./Syn.)
19
I/O
P3.11
RxD0
ASC0 Data Input (Asyn.) or I/O (Syn.)
20
O
P3.12
BHE
Ext. Memory High Byte Enable Signal,
O
WRH
Ext. Memory High Byte Write Strobe
22
O
P3.15
CLKOUT
System Clock Output (=CPU Clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com