Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 48Page - STMicroelectronics ST10 Datasheet HTML 49Page - STMicroelectronics ST10 Datasheet HTML 50Page - STMicroelectronics ST10 Datasheet HTML 51Page - STMicroelectronics ST10 Datasheet HTML 52Page - STMicroelectronics ST10 Datasheet HTML 53Page - STMicroelectronics ST10 Datasheet HTML 54Page - STMicroelectronics ST10 Datasheet HTML 55Page - STMicroelectronics ST10 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
ST10F163
52/58
XVI.4.13 - External bus arbitration
1. The ST10F163 will complete the currently running bus cycle before granting bus access.
2. This is the first possibility for BREQ to get active.
3. The CS outputs will be resistive high (pullup) after
t
64.
VDD =5 V ± 10%
VSS =0 V
TA = 0 to +70 °C
CL (for PORT0, PORT1, Port 4, ALE, RD, WR, BHE, CLKOUT) = 100 pF
CL (for Port 6, CS) = 100 pF
Parameter
Symbol
Max. CPU Clock
= 25MHz
Variable CPU Clock
1/2TCL = 1 to 25MHz
min.
max.
min.
max.
HOLD input setup time to CLKOUT
t61
SR
20
–20–
ns
CLKOUT to HLDA high or BREQ low delay
t62
CC
–20–20
ns
CLKOUT to HLDA low or BREQ high delay
t63
CC
–20–20
ns
CSx release
t64
CC
–20–20
ns
CSx drive
t65
CC
-4
24
-4
24
ns
Other signals release
t66
CC
–20–20
ns
Other signals drive
t67
CC
-4
24
-4
24
ns
Figure 23 : External bus arbitration, releasing the bus
CLKOUT
HOLD
t61
HLDA
t63
Other
Signals
t66
1)
CSx
(On P6.x)
t64
1)
2)
BREQ
t62
3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com