Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 13Page - STMicroelectronics ST10 Datasheet HTML 14Page - STMicroelectronics ST10 Datasheet HTML 15Page - STMicroelectronics ST10 Datasheet HTML 16Page - STMicroelectronics ST10 Datasheet HTML 17Page - STMicroelectronics ST10 Datasheet HTML 18Page - STMicroelectronics ST10 Datasheet HTML 19Page - STMicroelectronics ST10 Datasheet HTML 20Page - STMicroelectronics ST10 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
ST10F163
17/58
VII - CENTRAL PROCESSING UNIT (CPU)
The main core of the CPU consists of a 4-stage
instruction pipeline, a 16-bit arithmetic and logic
unit (ALU) and dedicated SFRs. Additional hard-
ware has been added for a separate multiply and
divide unit, a bit-mask generator and a barrel
shifter.
Based on these hardware provisions, most of the
ST10F163’s instructions can be executed in one
machine cycle. This requires 80ns at 25MHz CPU
clock. For example, shift and rotate instructions
are always processed in one machine cycle inde-
pendent of the number of bits to be shifted. All
multiple-cycle instructions have been optimized
for speed: branches in 2 cycles, a 16 x 16 bit mul-
tiplication in 5 cycles and a 32-/16 bit division in
10 cycles. The ‘Jump Cache’ pipeline optimiza-
tion, reduces the execution time of repeatedly per-
formed jumps in a loop, from 2 cycles to 1 cycle.
The CPU includes an actual register context. This
consists of up to 16 wordwide GPRs physically
allocated in the on-chip RAM area. A Context
Pointer
(CP)
register
determines
the
base
address of the active register bank to be accessed
by the CPU. The number of register banks is only
restricted by the available internal RAM space.
For easy parameter passing, one register bank
may overlap others.
A system stack of up to 1024 bytes is provided as
a storage for temporary data. The system stack is
allocated in the on-chip RAM area, and it is
accessed by the CPU via the stack pointer (SP)
register.
Two
separate
SFRs,
STKOV
and
STKUN, are implicitly compared against the stack
pointer value upon each stack access for the
detection of a stack overflow or underflow.
The basic instruction length is either 2 or 4 bytes.
Possible operand types are bits, bytes and words.
A variety of direct, indirect or immediate address-
ing modes exist.
Figure 5 : CPU block diagram
16
16
32
ROM
Internal
RAM
1KByte
R15
R0
General
Purpose
Registers
R0
R15
MDH
MLD
Barrel-Shift
Mul./Div.-HW
Bit-Mask Gen.
ALU
16-Bit
Context Ptr
SP
STKOV
STKUN
Exec. Unit
Instr. Ptr
Instr. Reg
4-Stage
Pipeline
PSW
SYSCON
BUSCON 0
BUSCON 1
BUSCON 2
BUSCON 3
BUSCON 4
ADDRSEL 1
ADDRSEL 2
ADDRSEL 3
ADDRSEL 4
Data Pg. Ptrs
Code Seg. Ptr.
CPU
128KBytes
FLASH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com