Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 41Page - STMicroelectronics ST10 Datasheet HTML 42Page - STMicroelectronics ST10 Datasheet HTML 43Page - STMicroelectronics ST10 Datasheet HTML 44Page - STMicroelectronics ST10 Datasheet HTML 45Page - STMicroelectronics ST10 Datasheet HTML 46Page - STMicroelectronics ST10 Datasheet HTML 47Page - STMicroelectronics ST10 Datasheet HTML 48Page - STMicroelectronics ST10 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
ST10F163
45/58
Latched CS low to Valid Data In
t39
SR
–
40 + tC+
2tA
–
3TCL - 20
+tC +2tA
ns
Latched CS hold after RD, WR
t41
CC
6 + tF
–
TCL - 14
+tF
–ns
Address setup to RdCS, WrCS (with RW-delay)
t82
CC
26 + 2tA
–
2TCL - 14
+2tA
–ns
Address setup to RdCS, WrCS (no RW-delay)
t83
CC
6 + 2tA
–
TCL -14
+2tA
–ns
RdCS to Valid Data In (with RW-delay)
t46
SR
–
16 + tC
–
2TCL - 24
+tC
ns
RdCS to Valid Data In (no RW-delay)
t47
SR
–
36 + tC
–
3TCL - 24
+tC
ns
RdCS, WrCS Low Time (with RW-delay)
t48
CC
30 + tC
–
2TCL - 10
+tC
–ns
RdCS, WrCS Low Time (no RW-delay)
t49
CC
50 + tC
–
3TCL - 10
+tC
–ns
Data valid to WrCS
t50
CC
26 + tC
–
2TCL - 14
+tC
–ns
Data hold after RdCS
t51
SR
0–0–
ns
Data float after RdCS (with RW-delay)
t53
SR
–
20 + tF
–
2TCL - 20
+tF
ns
Data float after RdCS (no RW-delay)
t68
SR
–
0 + tF
–
TCL - 20
+tF
ns
Address hold after RdCS, WrCS
t55
CC
-10 + tF
–-10 + tF
–ns
Data hold after WrCS
t57
CC
6 + tF
–
TCL - 14
+tF
–ns
1. RW-delay and tA refer to the following bus cycle.
2. Read data are latched with the same clock edge that triggers the address change and the rising RD edge. Therefore
address changes before the end of RD have no impact on read cycles
Table 17 : Demultiplexed bus characteristics (continued)
Parameter
Symbol
Max. CPU Clock
= 25MHz
Variable CPU Clock
1/2TCL = 1 to 25MHz
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com