Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 35Page - STMicroelectronics ST10 Datasheet HTML 36Page - STMicroelectronics ST10 Datasheet HTML 37Page - STMicroelectronics ST10 Datasheet HTML 38Page - STMicroelectronics ST10 Datasheet HTML 39Page - STMicroelectronics ST10 Datasheet HTML 40Page - STMicroelectronics ST10 Datasheet HTML 41Page - STMicroelectronics ST10 Datasheet HTML 42Page - STMicroelectronics ST10 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
ST10F163
39/58
ALE falling edge to Latched CS
t38
CC
-4 - tA
10 - tA
-4 - tA
10 - tA
ns
Latched CS low to Valid Data In
t39
SR
–
40 + tC +
2tA
–
3TCL - 20
+tC +2tA
ns
Latched CS hold after RD, WR
t40
CC
46 + tF
–
3TCL - 14
+tF
–ns
ALE fall. edge to RdCS, WrCS (with RW delay)
t42
CC
16 + tA
–
TCL - 4 +
tA
–ns
ALE fall. edge to RdCS, WrCS (no RW delay)
t43
CC
-4 + tA
–-4 + tA
–ns
Address float after RdCS, WrCS (with RW delay)
t44
CC
–0–0
ns
Address float after RdCS, WrCS (no RW delay)
t45
CC
–
20
–
TCL
ns
RdCS to Valid Data In (with RW delay)
t46
SR
–
16 + tC
–
2TCL - 24
+tC
ns
RdCS to Valid Data In (no RW delay)
t47
SR
–
36 + tC
–
3TCL - 24
+tC
ns
RdCS, WrCS Low Time (with RW delay)
t48
CC
30 + tC
–
2TCL - 10
+tC
–ns
RdCS, WrCS Low Time (no RW delay)
t49
CC
50 + tC
–
3TCL - 10
+tC
–ns
Data valid to WrCS
t50
CC
26 + tC
–2TCL -
14+ tC
–ns
Data hold after RdCS
t51
SR
0–0–
ns
Data float after RdCS
t52
SR
–
20 + tF
–
2TCL - 20
+tF
ns
Address hold after RdCS, WrCS
t54
CC
20 + tF
–
2TCL - 20
+tF
–ns
Data hold after WrCS
t56
CC
20 + tF
–
2TCL - 20
+tF
–ns
Table 16 : Multiplexed bus characteristics (continued)
Parameter
Symbol
Max. CPU Clock
25 MHz
Variable CPU Clock
1/2TCL = 1 to 25MHz
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com