Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 15Page - STMicroelectronics ST10 Datasheet HTML 16Page - STMicroelectronics ST10 Datasheet HTML 17Page - STMicroelectronics ST10 Datasheet HTML 18Page - STMicroelectronics ST10 Datasheet HTML 19Page - STMicroelectronics ST10 Datasheet HTML 20Page - STMicroelectronics ST10 Datasheet HTML 21Page - STMicroelectronics ST10 Datasheet HTML 22Page - STMicroelectronics ST10 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
ST10F163
19/58
The ST10F163 provides an excellent mechanism
to identify and to process exceptions or error con-
ditions that arise during run-time, called‘Hardware
Traps’.
Hardware
traps
cause
an
immediate
non-maskable system reaction which is similar to
a standard interrupt service (branching to a dedi-
cated vector table location). The occurrence of a
hardware trap is additionally signified by an indi-
vidual bit in the trap flag register (TFR). Except
when another higher prioritized trap service is in
progress, a hardware trap will interrupt any actual
program execution. In turn, hardware trap ser-
vices can normally not be interrupted by standard
or PEC interrupts.
Table 7 shows all of the possible exceptions or
error conditions that can arise during run time.
SSP Interrupt
XP1IR
XP1IE
XP1INT
00’0104h
41h
PLL Unlock / OWD
XP3IR
XP3IE
XP3INT
00’010Ch
43h
Table 6 : List of possible interrupt sources, flags, vector and trap numbers (continued)
Source of Interrupt or PEC
Service Request
Request
Flag
Enable
Flag
Interrupt
Vector
Vector
Location
Trap
Number
Table 7 : Exceptions or error conditions that can arise during run-time
Exception Conditio n
Trap
Flag
Trap
Vector
Vector
Location
Trap
Number
Trap
Priority
Reset Functions:
Hardware Reset
RESET
00’0000h
00h
III
Software Reset
RESET
00’0000h
00h
III
Watchdog Timer Overflow
RESET
00’0000h
00h
III
Class A Hardware Traps:
Non-Maskable Interrupt
NMI
NMITRAP
00’0008h
02h
II
Stack Overflow
STKOF
STOTRAP
00’0010h
04h
II
Stack Underflow
STKUF
STUTRAP
00’0018h
06h
II
Class B Hardware Traps:
Undefined Opcode
UNDOPC
BTRAP
00’0028h
0Ah
I
Protected Instruction Fault
PRTFLT
BTRAP
00’0028h
0Ah
I
Illegal Word Operand Access
ILLOPA
BTRAP
00’0028h
0Ah
I
Illegal Instruction Access
ILLINA
BTRAP
00’0028h
0Ah
I
Illegal External Bus Access
ILLBUS
BTRAP
00’0028h
0Ah
I
Reserved
[2Ch –3Ch]
[0Bh – 0Fh]
Software Traps:
TRAP Instruction
Any
[00’0000h–
00’01FCh]
in steps of 4h
Any
[00h – 7Fh]
Current
CPU
Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com