Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 50Page - STMicroelectronics ST10 Datasheet HTML 51Page - STMicroelectronics ST10 Datasheet HTML 52Page - STMicroelectronics ST10 Datasheet HTML 53Page - STMicroelectronics ST10 Datasheet HTML 54Page - STMicroelectronics ST10 Datasheet HTML 55Page - STMicroelectronics ST10 Datasheet HTML 56Page - STMicroelectronics ST10 Datasheet HTML 57Page - STMicroelectronics ST10 Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
ST10F163
54/58
XVI.4.14 - Synchronous serial port timing
VCC =5 V ± 10%
VSS =0 V
TA = 0 to +70 °C
CL = 100 pF
Table 19 : Synchronous serial port timing characteristics
Parameter
Symbol
Max. Baudrate
= 12.5 / 10 MBd
Variable Baudrate
= 0.5 to 12.5 MBd
min.
max.
min.
max.
SSP clock cycle time
t200
CC
80 / 100
80 /100
4 TCL
512 TCL
ns
SSP clock high time
t201
CC
30 / 40
– / –
t200/2 - 10
–
ns
SSP clock low time
t202
CC
30 / 40
– / –
t200/2 - 10
–
ns
SSP clock rise time
t203
CC
– / –
6 / 6
–
6
ns
SSP clock fall time
t204
CC
– / –
6 / 6
–
6
ns
CE active before shift edge
t205
CC
30 / 40
– / –
t200/2 - 10
–
ns
CE inactive after latch edge
t206
CC
70 / 90
90 / 110
t200 -10
t200 +10
ns
Write data valid after shift edge
t207
CC
– / –
10 / 10
–
10
ns
Write data hold after shift edge
t208
CC
0 / 0
– / –
0
–
ns
Write data hold after latch edge
t209
CC
34 / 44
46 / 56
t200/2 - 6
t200/2 + 6
ns
Read data active after latch edge
t210
SR
50 / 60
– / –
t200/2 + 10
–
ns
Read data setup time before latch edge
t211
SR
20 / 20
– / –
20
–
ns
Read data hold time after latch edge
t212
SR
0 / 0
– / –
0
–
ns
Figure 25 : SSP write timing
t
204
t
203
SSPCLK
SSPCEx
SSPDAT
t
205
t
207
t
207
t
207
t
208
t
209
t
206
1st Bit
Last Bit
2nd Bit
t
200
t
201
t
202
1)
3)
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com