Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 19Page - STMicroelectronics ST10 Datasheet HTML 20Page - STMicroelectronics ST10 Datasheet HTML 21Page - STMicroelectronics ST10 Datasheet HTML 22Page - STMicroelectronics ST10 Datasheet HTML 23Page - STMicroelectronics ST10 Datasheet HTML 24Page - STMicroelectronics ST10 Datasheet HTML 25Page - STMicroelectronics ST10 Datasheet HTML 26Page - STMicroelectronics ST10 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
ST10F163
23/58
X - PARALLEL PORTS
The ST10F163 provides up to 77 I/O lines which
are organized into six input/output ports and one
input port. All port lines are bit-addressable, and all
input/output lines are individually (bit-wise) pro-
grammable as, either inputs or outputs via direction
registers. The I/O ports are true bidirectional ports
which are switched to high impedance state when
configured as inputs. The output drivers of three I/
O ports can be configured (pin by pin) for push/pull
operation or open-drain operation via control regis-
ters. During the internal reset, all port pins are con-
figured as inputs. All port lines have associated,
programmable, alternate input or output functions.
PORT0 and PORT1 may be used as address and
data lines when accessing external memory. Port 4
outputs the additional segment address bits A23/
19/17...A16 in systems where segmentation is
enabled to access more than 64 KBytes of mem-
ory. Port 6 provides optional bus arbitration signals
(BREQ, HLDA, HOLD) and chip select signals. Port
3 includes alternate functions of timers, serial inter-
faces, the optional bus control signal BHE and the
system clock output (CLKOUT). Port 5 is used for
timer control signals. All port lines that are not used
for these alternate functions may be used as gen-
eral purpose I/O lines.
XI - SERIAL CHANNELS
Serial communication with other microcontrollers,
processors, terminals or external peripheral com-
ponents is provided by two serial interfaces, an
Asynchronous/Synchronous
Serial
Channel
(ASC0) and a Synchronous Serial Port (SSP).
ASC0: The table below shows the baud rates for
the asynchronous/synchronous serial channel.
A dedicated baud rate generator is used to set up
all standard baud rates without oscillator tuning. 3
separate interrupt vectors are provided for trans-
mission, reception, and erroneous reception. In
asynchronous mode, 8- or 9-bit data frames are
transmitted or received, preceded by a start bit
and terminated by one or two stop bits. For multi-
processor communication, a mechanism to distin-
guish address from data bytes has been included
(8-bit data + wake up bit mode). In synchronous
mode, the ASC0 transmits or receives bytes (8
bits) synchronously to a shift clock which is gener-
ated by the ASC0. The ASC0 always shifts the
LSB first. A loop back option is available for testing
purposes. A number of optional hardware error
detection capabilities have been included to
increase the reliability of data transfers. A parity
bit can automatically be generated on transmis-
sion or be checked on reception. Framing error
detection allows to recognize data frames with
missing stop bits. An overrun error will be gener-
ated, if the last character received has not been
read out of the receive buffer register by the time
the reception of a new character is complete.
Note
The deviation errors given in the table above are rounded. Using a baudrate crystal will provide correct baudrates without deviation errors.
Table 10 : Commonly used baud rates by reload value and deviation errors
S0BRS = ‘0’, fCPU = 25MHz
S0BRS = ‘1’, fCPU = 25MHz
Baud Rate
(Baud)
Deviation Error
Reload Value
Baud Rate
(Baud)
Deviation Error
Reload Value
781250
±0.0%
0000H
520833
±0.0%
0000H
56000
+7.3%
/-0.4%
000CH / 000DH
56000
+3.3%
/ -7.0%
0008H / 0009H
38400
+1.7%
/ -3.1%
0013H / 0014H
38400
+4.3%
/ -3.1%
000CH / 000DH
19200
+1.7%
/ -0.8%
0027H / 0028H
19200
+0.5%
/ -3.1%
001AH / 001BH
9600
+0.5%
/ -0.8%
0050H/ 0051H
9600
+0.5%
/ -1.4%
0035H / 0036H
4800
+0.5%
/ -0.1%
00A1H / 00A2H
4800
+0.5%
/ -0.5%
006BH / 006CH
2400
+0.2%
/ -0.1%
0144H / 0145H
2400
+0.0%
/ -0.5%
00D8H / 00D9H
1200
+0.0%
/ -0.1%
028AH / 028BH
1200
+0.0%
/ -0.2%
01B1H / 01B2H
600
+0.0%
/ -0.1%
0515H / 0516H
600
+0.0%
/ -0.1%
0363H / 0364H
95
+0.4%
/ 0.4%
1FFFH / 1FFFH
75
+0.0%
/ 0.0%
1B1FH / 1B20H
63
+0.9%
/ 0.9%
1FFFH / 1FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com