Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 30Page - STMicroelectronics ST10 Datasheet HTML 31Page - STMicroelectronics ST10 Datasheet HTML 32Page - STMicroelectronics ST10 Datasheet HTML 33Page - STMicroelectronics ST10 Datasheet HTML 34Page - STMicroelectronics ST10 Datasheet HTML 35Page - STMicroelectronics ST10 Datasheet HTML 36Page - STMicroelectronics ST10 Datasheet HTML 37Page - STMicroelectronics ST10 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
ST10F163
34/58
XVI.4.2 - Definition of internal timing
The internal operation of the ST10F163 is con-
trolled by the internal CPU clock fCPU. Both edges
of the CPU clock can trigger internal (e.g. pipe-
line) or external (e.g. bus cycles) operations.
The specification of the external timing (AC Char-
acteristics)
therefore
depends
on
the
time
between two consecutive edges of the CPU clock,
called “TCL” (see figure below).
The CPU clock signal can be generated by differ-
ent mechanisms. The duration of TCLs and their
variation (and also the derived external timing)
depends on the used mechanism to generate
fCPU. This influence must be regarded when cal-
culating the timings for the ST10F163.
The example for PLL operation shown in the fig-
ure above refers to a PLL factor of 4. The mecha-
nism used to generate the CPU clock is selected
during reset by the logic levels on pins P0.15-13
(P0H.7-5).
XVI.4.3 - Clock generation modes
The table below associates the combinations of these three bits with the respective clock generation mode.
Figure 11 : Generation mechanisms for the CPU clock
P0.15-13
(P0H.7-5)
CPU Frequency
fCPU =fXTAL *F
External Clock Input
Range1)
1. The external clock input range refers to a CPU clock range of 1...25 MHz.
Notes
111
FXTAL * 4
2.5 to 6.25 MHz
Default configuration
110
FXTAL * 3
3.33 to 8.33 MHz
101
FXTAL *2
5 to 12.5 MHz
100
FXTAL * 5
2 to 5 MHz
011
FXTAL * 1
1 to 25 MHz
Direct drive 2)
2. The maximum depends on the duty cycle of the external clock signal.
010
FXTAL * 1.5
6.66 to 16.6 MHz
001
FXTAL / 2
2 to 50 MHz
CPU clock via prescaler3)
3. The maximum input frequency is 25 MHz when using an external crystal with the internal oscillator; providing that internal serial resistance
of the crystal is less than 40
Ω. However, higher frequency can be applied with an external clock source, but in this case, the input clock
signal must reach the defined levels VIL and VIH2.
000
FXTAL * 2.5
4 to 10 MHz
TCLTCL
fCPU
fXTAL
fCPU
fXTAL
Phase locked loop operation
Direct Clock Drive
TCL
TCL
fCPU
fXTAL
Prescaler Operation
TCLTCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com