Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 20Page - STMicroelectronics ST10 Datasheet HTML 21Page - STMicroelectronics ST10 Datasheet HTML 22Page - STMicroelectronics ST10 Datasheet HTML 23Page - STMicroelectronics ST10 Datasheet HTML 24Page - STMicroelectronics ST10 Datasheet HTML 25Page - STMicroelectronics ST10 Datasheet HTML 26Page - STMicroelectronics ST10 Datasheet HTML 27Page - STMicroelectronics ST10 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
ST10F163
24/58
SSP: The Synchronous Serial Port provides
high-speed serial communication with external
slave devices such as EEPROM. The SSP trans-
mits 1...3 bytes or receives 1 byte after sending
1...3 bytes synchronously to a shift clock which is
generated by the SSP.
The SSP can start shifting with the LSB or with the
MSB and is used to select shifting and latching
clock edges as well as the clock polarity. Up to two
chip select lines may be activated in order to direct
data transfers to one or both of two peripheral
devices.
Table 11 : Synchronous baud rate and SSPCKS reload values
SSPCKS Value
Synchronou s baud rate
000
SSP clock = CPU clock divided by 2
12.5 MBit/s
001
SSP clock = CPU clock divided by 4
6.25 MBit/s
010
SSP clock = CPU clock divided by 8
3.13 MBit/s
011
SSP clock = CPU clock divided by 16
1.56 MBit/s
100
SSP clock = CPU clock divided by 32
781 KBit/s
101
SSP clock = CPU clock divided by 64
391 KBit/s
110
SSP clock = CPU clock divided by 128
195 KBit/s
111
SSP clock = CPU clock divided by 256
97.7 KBit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com