Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 14Page - STMicroelectronics ST10 Datasheet HTML 15Page - STMicroelectronics ST10 Datasheet HTML 16Page - STMicroelectronics ST10 Datasheet HTML 17Page - STMicroelectronics ST10 Datasheet HTML 18Page - STMicroelectronics ST10 Datasheet HTML 19Page - STMicroelectronics ST10 Datasheet HTML 20Page - STMicroelectronics ST10 Datasheet HTML 21Page - STMicroelectronics ST10 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
ST10F163
18/58
VIII - INTERRUPT SYSTEM
With an interrupt response time from 200 ns to
480ns (in the case of internal program execution),
the ST10F163 reacts quickly to the occurrence of
non-deterministic events.
The architecture of the ST10F163 supports sev-
eral mechanisms for fast and flexible response to
service requests that can be generated from vari-
ous sources internal or external to the microcon-
troller. Any of these interrupt requests can be
programmed to being serviced by the Interrupt
Controller or by the Peripheral Event Controller
(PEC). In a standard interrupt service, program
execution is suspended and a branch to the inter-
rupt vector table is performed. For a PEC service,
just one cycle is ‘stolen’ from the current CPU
activity. A PEC service is a single byte or word
data transfer between any two memory locations
with an additional increment of either the PEC
source or the destination pointer. An individual
PEC transfer counter is decremented for each
PEC service, except for the continuous transfer
mode. When this counter reaches zero, a stan-
dard interrupt is performed to the corresponding
source related vector location. PEC services are
suited to, for example, the transmission or recep-
tion of blocks of data. The ST10F163 has 8 PEC
channels,
each
of
which
offers
fast
inter-
rupt-driven data transfer capabilities.
A separate control register which contains an
interrupt request flag, an interrupt enable flag and
an interrupt priority bitfield, exists for each of the
possible interrupt sources. Via its related register,
each source can be programmed to one of sixteen
interrupt
priority
levels.
Once
having
been
accepted by the CPU, an interrupt service can
only be interrupted by a higher prioritized service
request. For the standard interrupt processing,
each of the possible interrupt sources has a dedi-
cated vector location.
Fast external interrupt inputs are provided to ser-
vice
external
interrupts
with
high
precision
requirements. These fast interrupt inputs, feature
programmable edge detection (rising edge, falling
edge or both edges).
Software interrupts are supported by means of the
‘TRAP’ instruction in combination with an individ-
ual trap (interrupt) number.
Table 6 shows all of the possible ST10F163 inter-
rupt
sources
and
the
corresponding
hard-
ware-related
interrupt
flags,
vectors,
vector
locations and trap (interrupt) numbers:
Table 6 : List of possible interrupt sources, flags, vector and trap numbers
Source of Interrupt or PEC
Service Request
Request
Flag
Enable
Flag
Interrupt
Vector
Vector
Location
Trap
Number
External Interrupt 0
CC8IR
CC8IE
CC8INT
00’0060h
18h
External Interrupt 1
CC9IR
CC9IE
CC9INT
00’0064h
19h
External Interrupt 2
CC10IR
CC10IE
CC10INT
00’0068h
1Ah
External Interrupt 3
CC11IR
CC11IE
CC11INT
00’006Ch
1Bh
External Interrupt 4
CC12IR
CC12IE
CC12INT
00’0070h
1Ch
External Interrupt 5
CC13IR
CC13IE
CC13INT
00’0074h
1Dh
External Interrupt 6
CC14IR
CC14IE
CC14INT
00’0078h
1Eh
External Interrupt 7
CC15IR
CC15IE
CC15INT
00’007Ch
1Fh
GPT1 Timer 2
T2IR
T2IE
T2INT
00’0088h
22h
GPT1 Timer 3
T3IR
T3IE
T3INT
00’008Ch
23h
GPT1 Timer 4
T4IR
T4IE
T4INT
00’0090h
24h
GPT2 Timer 5
T5IR
T5IE
T5INT
00’0094h
25h
GPT2 Timer 6
T6IR
T6IE
T6INT
00’0098h
26h
GPT2 CAPREL Register
CRIR
CRIE
CRINT
00’009Ch
27h
ASC0 Transmit
S0TIR
S0TIE
S0TINT
00’00A8h
2Ah
ASC0 Transmit Buffer
S0TBIR
S0TBIE
S0TBINT
00’011Ch
47h
ASC0 Receive
S0RIR
S0RIE
S0RINT
00’00ACh
2Bh
ASC0 Error
S0EIR
S0EIE
S0EINT
00’00B0h
2Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com