Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 4Page - STMicroelectronics ST10 Datasheet HTML 5Page - STMicroelectronics ST10 Datasheet HTML 6Page - STMicroelectronics ST10 Datasheet HTML 7Page - STMicroelectronics ST10 Datasheet HTML 8Page - STMicroelectronics ST10 Datasheet HTML 9Page - STMicroelectronics ST10 Datasheet HTML 10Page - STMicroelectronics ST10 Datasheet HTML 11Page - STMicroelectronics ST10 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
ST10F163
8/58
PORT1:
P1L.0-P1L.7
P1H.0-P1H.7
59-66
67, 68
71-76
I/O
Two 8-bit bidirectional I/O ports P1L and P1H, bit-wise programmable for input
or output via direction bits. For a pin configured as input, the output driver is put
into high-impedance state. PORT1 is used as the 16-bit address bus (A) in
demultiplexed bus modes and also after switching from a demultiplexed bus
mode to a multiplexed bus mode.
RSTIN
79
I
Reset Input with Schmitt-Trigger characteristics. A low level at this pin for a
specified duration while the oscillator is running resets the device. An internal
pullup resistor permits power-on reset using only a capacitor connected to
VSS.
RSTOUT
80
O
Internal Reset Indication Output. This pin is set to a low level when the part is
executing either a hardware-, a software- or a watchdog timer reset. RSTOUT
remains low until the EINIT (end of initialization) instruction is executed.
NMI
81
I
Non-Maskable Interrupt Input. A high to low transition at this pin causes the
CPU to vector to the NMI trap routine. When the PWRDN (power down) instruc-
tion is executed, the NMI pin must be low in order to force the ST10R65 to go
into power down mode. If NMI is high, when PWRDN is executed, the part will
continue to run in normal mode.
If not used, pin NMI should be pulled high externally.
P6.0-P6.7
82-89
I/O
8-bit bidirectional I/O port, bit-wise programmable for input or output via direc-
tion bits. For a pin configured as input, the output driver is put into high-imped-
ance state. Port 6 outputs can be configured as push/pull or open drain drivers.
The following Port 6 pins have alternate functions:
82
O
P6.0
CS0
Chip Select 0 Output
...
...
...
...
...
86
O
P6.4
CS4
Chip Select 4 Output
87
I
P6.5
HOLD
External Master Hold Request Input
(Master mode: O, Slave mode: I)
88
I/O
P6.6
HLDA
Hold Acknowledge Output
89
O
P6.7
BREQ
Bus Request Output
P2.8 –P2.15
90 - 97
I/O
Port 2 is an 8-bit bidirectional I/O port. It is bit-wise programmable for input or
output via direction bits. For a pin configured as input, the output driver is put
into high-impedance state. Port 2 outputs can be configured as push/pull or
open drain drivers.
The following Port 2 pins also serve for alternate functions:
90
I
P2.8
EX0IN
Fast External Interrupt 0 Input
...
...
...
...
...
97
I
P2.15
EX7IN
Fast External Interrupt 7 Input
VPP
40
-
Flash programming voltage. This pin accepts the programming voltage for the
on-chip flash EPROM. In the ST10F163, bit 4of SYSCON register serves as an
enable/disable control for the OWD.
VDD
7, 28, 38,
49, 69,
78
-
Digital Supply Voltage:
+ 5 V during normal operation and idle mode.
> 2.5 V during power down mode
VSS
4, 27, 39,
50, 70,
77
-
Digital Ground.
Table 1 : Pin definitions and functions (continued)
Symbol
Pin
Number(
TQFP )
Input (I)
Output
(O)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com