Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 149Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 150Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 151Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 152Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 153Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 154Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 155Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 156Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 160 page
background image
ST10F269
153/160
21.4.12 - CLKOUT and READY
VDD = 5V ± 10%, VSS = 0V, TA = -40 to + 125°C, CL = 50pF
Notes: 1. These timings are given for test purposes only, in order to assure recognition at a specific clock edge.
2. Demultiplexed bus is the worst case. For multiplexed bus 2TCL are to be added to the maximum values. This adds even more time
for deactivating READY.
The 2tA and tC refer to the next following bus cycle, tF refers to the current bus cycle.
Table 37 : CLKOUT and READY Characteristics
Symbol
Parameter
Maximum CPU Clock
= 40 MHz
Variable CPU Clock
1/2TCL = 1 to 40 MHz
Minimum
Maximum
Minimum
Maximum
t29
CC
CLKOUT cycle time
25
25
2TCL
2TCL
ns
t30
CC
CLKOUT high time
4
–
TCL – 8.5
–
ns
t31
CC
CLKOUT low time
3
–
TCL – 9.5
–
ns
t32
CC
CLKOUT rise time
–
4
–
4
ns
t33
CC
CLKOUT fall time
–
4
–
4
ns
t34
CC
CLKOUT rising edge to
ALE falling edge
-2 + tA
8 + tA
-2 + tA
8 + tA
ns
t35
SR
Synchronous READY
setup time to CLKOUT
12.5
–
12.5
–
ns
t36
SR
Synchronous READY
hold time after CLKOUT
2–
2
–
ns
t37
SR
Asynchronous READY
low time
35
–
2TCL + 10
–
ns
t58
SR
Asynchronous READY
setup time
1)
12.5
–
12.5
–
ns
t59
SR
Asynchronous READY
hold time
1)
2–
2
–
ns
t60
SR
Async. READY hold time after
RD, WR high (Demultiplexed
Bus)
2)
0
0 + 2tA + tC + tF
2)
0
TCL - 12.5
+ 2tA + tC + tF
2)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com