Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 151Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 152Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 153Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 154Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 155Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 156Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 157Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 158Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 160 page
background image
ST10F269
155/160
21.4.13 - External Bus Arbitration
VDD = 5V ± 10%, VSS = 0V, TA = -40 to +125°C, CL = 50pF
Note: 1. Partially tested, guaranteed by design characterization.
Notes: 1. The ST10F269 will complete the currently running bus cycle before granting bus access.
2. This is the first possibility for BREQ to become active.
3. The CS outputs will be resistive high (pull-up) after
t
64.
Symbol
Parameter
Maximum CPU Clock
= 40 MHz
Variable CPU Clock
1/2TCL = 1 to 40 MHz
Minimum
Maximum
Minimum
Maximum
t61
SR
HOLD input setup time
to CLKOUT
15
–
15
–
ns
t62
CC
CLKOUT to HLDA high
or BREQ low delay
–
12.5
–
12.5
ns
t63
CC
CLKOUT to HLDA low
or BREQ high delay
–
12.5
–
12.5
ns
t64
CC
CSx release
1
–
15
–
15
ns
t65
CC
CSx drive
-4
15
-4
15
ns
t66
CC
Other signals release
1
–
15
–
15
ns
t67
CC
Other signals drive
-4
15
-4
15
ns
Figure 79 : External Bus Arbitration (Releasing the Bus)
t61
t63
t66
1)
t64
1)
2)
t62
3)
CLKOUT
HOLD
HLDA
BREQ
Others
CSx
(P6.x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com