Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269-Q3 Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST10F269-Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-Q3 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST10F269-Q3 Datasheet HTML 152Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 153Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 154Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 155Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 156Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 157Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 158Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 159Page - STMicroelectronics ST10F269-Q3 Datasheet HTML 160Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 157 / 160 page
background image
ST10F269
157/160
21.4.14 - High-Speed Synchronous Serial Interface (SSC) Timing
21.4.14.1 Master Mode
VCC = 5V ±10%, VSS = 0V, CPU clock = 40MHz, TA = -40 to +125°C, CL = 50pF
Note: 1. Timing guaranteed by design.
The formula for SSC Clock Cycle time is : t300 = 4 TCL * (<SSCBR> + 1)
Where <SSCBR> represents the content of the SSC Baud rate register, taken as unsigned 16-bit integer.
Notes: 1. The phase and polarity of shift and latch edge of SCLK is programmable. This figure uses the leading clock edge as shift edge (drawn
in bold), with latch on trailing edge (SSCPH = 0b), Idle clock line is low, leading clock edge is low-to-high transition (SSCPO = 0b).
2. The bit timing is repeated for all bits to be transmitted or received.
Symbol
Parameter
Maximum Baud rate = 10M Baud
(<SSCBR> = 0001h)
Variable Baud rate
(<SSCBR>=0001h-FFFFh)
Unit
Minimum
Maximum
Minimum
Maximum
t300
CC SSC clock cycle time
100
100
8 TCL
262144 TCL
ns
t301
CC SSC clock high time
40
–
t300/2 - 10
–ns
t302
CC SSC clock low time
40
–
t300/2 - 10
–ns
t303
CC SSC clock rise time
–
10
–
10
ns
t304
CC SSC clock fall time
–
10
–
10
ns
t305
CC Write data valid after shift edge
–
15
–
15
ns
t306
CC Write data hold after shift edge 1
-2
–
-2
–
ns
t307p SR Read data setup time before
latch edge, phase error
detection on (SSCPEN = 1)
37.5
–
2TCL+12.5
–
ns
t308p SR Read data hold time after latch
edge, phase error detection on
(SSCPEN = 1)
50
–
4TCL
–
ns
t307
SR Read data setup time before
latch edge, phase error
detection off (SSCPEN = 0)
25
–
2TCL
–
ns
t308
SR Read data hold time after latch
edge, phase error detection off
(SSCPEN = 0)
0–
0
–
ns
Figure 81 : SSC Master Timing
t
303
t
304
t
305
t
305
t
305
t
306
1st Out Bit
Last Out Bit
2nd Out Bit
t
300
t
302
t
301
1)
2)
t
307
2nd.In Bit
1st.In Bit
t
308
t
307
Last.In Bit
t
308
SCLK
MTSR
MRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com