Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 60Page - STMicroelectronics ST63140 Datasheet HTML 61Page - STMicroelectronics ST63140 Datasheet HTML 62Page - STMicroelectronics ST63140 Datasheet HTML 63Page - STMicroelectronics ST63140 Datasheet HTML 64Page - STMicroelectronics ST63140 Datasheet HTML 65Page - STMicroelectronics ST63140 Datasheet HTML 66Page - STMicroelectronics ST63140 Datasheet HTML 67Page - STMicroelectronics ST63140 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
The ST631xx EEPROM single poly process has been specially developed to achieve 300.000
Write/Erase cycles and a 10 years data retention.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIL
Input Low Level Voltage
All I/O Pins, KBY0-2
0.3xV
DD
V
VIH
Input High Level Voltage
All I/O Pins, KBY0-2
0.75xVDD
V
VHYS
Hysteresis Voltage
(1)
All I/O Pins, KBY0-2
VDD =5V
1.0
V
VOL
Low Level Output Voltage
Port B/C, DA0-3,
BSW0-3, OUT1,
VS, OSD Outputs,
VDD = 4.5V
IOL = 1.6mA
IOL = 5.0mA
0.4
1.0
V
V
VOL
Low Level Output Voltage
Port A
VDD = 4.5V
IOL= 3.2mA
IOL= 30mA
0.4
1.0
V
V
VOL
Low Level Output Voltage
OSDOSCout, OSCout
VDD = 4.5V
IOL= 0.1mA
0.4
V
VOH
High Level Output Voltage
Port B/C
(2),VS
VDD = 4.5V
IOH = – 1.6mA
4.1
V
VOH
High Level Output Voltage
OSDOSCout, OSCout,
VDD = 4.5V
IOL= – 0.1mA
4.1
V
IPU
Input Pull Up Current
Input Mode with Pull-up
Port B/C, KBY0-2
VIN=VSS
(2)
– 100
– 50
– 25
mA
IIL
IIH
Input Leakage Current
OSCin
VIN=VSS
VIN=VDD
–10
0.1
–1
1
– 0.1
10
µA
IIL
IIH
Input Leakage Current
All I/O Input Mode
no Pull-up
OSDOSCin
VIN=VDD or VSS
–10
10
µA
IIL
IIH
Input Leakage Current
Reset Pin with Pull-up
VIN=VSS
– 50
– 30
– 10
µA
IIL
IIH
Input Leakage Current
AFC Pin
VIH=VDD
VIL=VSS
VIH= 12.0V
–1
1
40
µA
IOH
Output Leakage Current
Port A, DA0-3, BSW0-3
OUT1, OSDout
VOH =VDD
10
µA
IOH
Output Leakage Current High
Voltage
Port A, DA0-3, BSW0-3
OUT1
VOH = 12V
40
µA
DC ELECTRICAL CHARACTERISTICS
(TA = 0 to +70
°C unless otherwise specified)
EEPROM INFORMATION
®
ST63140,142,126,156
60/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com