Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 69Page - STMicroelectronics ST63140 Datasheet HTML 70Page - STMicroelectronics ST63140 Datasheet HTML 71Page - STMicroelectronics ST63140 Datasheet HTML 72Page - STMicroelectronics ST63140 Datasheet HTML 73Page - STMicroelectronics ST63140 Datasheet HTML 74Page - STMicroelectronics ST63140 Datasheet HTML 75Page - STMicroelectronics ST63140 Datasheet HTML 76Page - STMicroelectronics ST63140 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 86 page
background image
GENERAL DESCRIPTION
The ST63E140/T140, E142/T142, E126/T126,
E156/T156 microcontrollers are members of the 8-
bit HCMOS ST631xx family, a series of devices
specially oriented to TV applications. Different pe-
ripheral configurations are available to give the
maximum application and cost flexibility. All
ST631xx members are based on a building block
approach: a common core is surrounded by a com-
bination of on-chip peripherals (macrocells) avail-
able from a standard library. These peripherals are
designed with the same Core technology providing
full compatibility and short design time. Many of
these macrocells are specially dedicated to TV ap-
plications.
The macrocells of the ST631xx family are: two
Timer peripherals each including an 8-bit counter
with a 7-bit software programmable prescaler
(Timer), a digital hardware activated watchdog
function (DHWD), a 14-bit voltage synthesis tuning
peripheral, a Serial Peripheral Interface (SPI), up
to four 6-bit PWM D/A converters, an AFC A/D con-
verter with 0.5V resolution, an on-screen display
(OSD) with 15 characters per line and 128 charac-
ters (in two banks each of 64 characters). In addi-
tion the following Memory resources are available:
program EPROM (8K), data RAM (256 bytes),
EEPROM (128 bytes).
Refer to pin configuration figures and to ST631xx
device summary (Table 1) for the definition of
ST631xx family members and a summary of differ-
ences among the different types.
®
ST63E140,E142,E126,E156, T140,T142,T126,T156
69/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com