Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 41Page - STMicroelectronics ST63140 Datasheet HTML 42Page - STMicroelectronics ST63140 Datasheet HTML 43Page - STMicroelectronics ST63140 Datasheet HTML 44Page - STMicroelectronics ST63140 Datasheet HTML 45Page - STMicroelectronics ST63140 Datasheet HTML 46Page - STMicroelectronics ST63140 Datasheet HTML 47Page - STMicroelectronics ST63140 Datasheet HTML 48Page - STMicroelectronics ST63140 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
The D/A macrocell contains four PWM D/A outputs
(31.25kHz repetition, DA0-DA3) with six bit resolu-
tion plus a 62.5kHz open-drain output pin (OUT1)
specially suited for multistandard chroma proces-
sors driving. Both the D/A and OUT1 functions can
be disabled by software allowing the DA0-DA3 and
OUT1 pins to be used as general purpose open-
drain output pins able to withstand signals with up
to 12V amplitude.
6-Bit D/A Converters
Each D/A converter of ST631xx is composed by
the following main blocks:
- pre-divider
- 6-bit counter
- data latches and compare circuits
The pre-divider uses the clock input frequency
(8MHz) and its output clocks the 6-bit free-running
counter. The data latched in the four registers
(E0h, E1h, E2h and E3h) control the four D/A out-
puts (DA0,1,2 and 3). When all zeros are loaded
the relevant output is an high logic level; all 1’s cor-
respond to a pulse with a 1/64 duty cycle and al-
most 100% zero level. A 7th bit (bit D6) is used to
enable the relevant D/A output; when zero, the D/A
is no longer enabled and it forces the output to
zero. If the other six bits are all zero then the output
is controlled only by the enable bit.
The repetition frequency is 32.5kHz and is related
to the 8MHz clock frequency. All D/A outputs are
open-drain with standard current drive capability
and able to withstand up to 12V.
62.5 kHz Output
This pin provides a 62.5 kHz signal with a 50% duty
cycle; the output is enabled by a dedicated enable
bit (E0h register bit 7). When the 62.5kHz fre-
quency is disabled then the output is controlled by
the OUT1 bit and the line can be used as general
purpose open-drain output (E1h bit 7). The OUT1
output is open-drain with standard current drive ca-
pability and able to withstand signals with up to
12V amplitude.
D/A and OUT1 Data/Control Registers
This paragraph deals with the description of D/A
and OUT1 data/control registers. Some bits of DA2
and DA3 data/control registers are used for exter-
nal interrupt enable and A/D reference voltage
shift, please refer to A/D and IR descriptions for ad-
ditional information.
Figure 48. 6-bit PWM D/A & 62.5kHz Output
Configuration
DA0-DA5. These are the 6 bits of the PWM digital
to analog converter . Undefined after reset.
DAE. This is the D/A 0 enablebit. If zero, the output of
the D/A is forced to zero; if one, the output of the D/A
dependson bits DA0..DA5. Undefinedafter reset.
FO1. This is the 62.5kHz frequency output/ OUT1
selection bit. If one, the OUT1 pin will give a
62.5kHz frequency; if zero the OUT1 pin can be
used as general purpose open-drain output and
the value present on the pin depends on the value
of OUT1 bit programmed in the DA1 data/control
register. Undefined after reset.
6-BIT PWM D/A CONVERTER AND 62.5 kHz
OUTPUT FUNCTION
DA0
DA0 Data/Contr ol Registers
(E0h, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
Data Bit 0
Data Bit 1
Data Bit 2
Data Bit 3
Data Bit 4
Data Bit 5
DAE D/A Enable Bit
FO1 62.5 kHzSelection Bit
Figure 49. DA0 Data/Enable Register
®
ST63140,142,126,156
41/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com