Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 43Page - STMicroelectronics ST63140 Datasheet HTML 44Page - STMicroelectronics ST63140 Datasheet HTML 45Page - STMicroelectronics ST63140 Datasheet HTML 46Page - STMicroelectronics ST63140 Datasheet HTML 47Page - STMicroelectronics ST63140 Datasheet HTML 48Page - STMicroelectronics ST63140 Datasheet HTML 49Page - STMicroelectronics ST63140 Datasheet HTML 50Page - STMicroelectronics ST63140 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
AFC A/D INPUT, KEYBOARD INPUTS
AND BANDSWITH OUTPUTS
The AFC macrocell contains an A/D comparator
with five levels at intervals of 1V from 1V to 5V. The
levels can all be lowered by 0.5V to effectively dou-
ble the resolution. This A/D can be used to perform
the AFC function. In addition this cell offers also a
keyboard input register of three bits used to per-
form a keyboard scan and 4 open-drain outputs
(able to withstand signals up to 12V) that can be
used to perform band switch function.
Figure 53. AFC, KBY Inputs Configuration Dia-
grams
Figure 54. BSW, DA, OUT1 Output Configu-
ration Diagram
A/D Comparator
The A/D used to perform the AFC function (when
high threshold is selected) has the following volt-
age levels: 1,2,3,4 and 5V. Bits 0-2 of AFC result
register (E4h address) will provide the result in bi-
nary form (less than 1V is 000, greater than 5V is
101).
If the application requires a greater resolution, the
sensitivity can be doubled by clearing to zero bit 7 of
DA3 Data/Control register, address E3h (refer to
D/A description for additional information). In this
case all levels are shifted lower by 0.5V. If the two
results are now added within a software routine
then the A/D S-curve can be located within a resolu-
tion of 0.5V. The A/D input has high impedance able
to withstand up to 13V signals (input level toler-
ances
± 200mv absolute and ± 100mv relative to
5V).
AFC, Keyboard Inputs and Bandswitch Out-
puts Data/Control Registers
AFCR
AFC Result Register
(E4h, Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
AD2-AD0 A/D = Conversion
Result
Unuse d
Figure 55. AFC Result Register
D7-D3. These bits are not used.
AD0-AD2. These bits store the real time conver-
sion of the value present on the AFC input pin. No
reset value.
®
ST63140,142,126,156
43/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com