Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 72Page - STMicroelectronics ST63140 Datasheet HTML 73Page - STMicroelectronics ST63140 Datasheet HTML 74Page - STMicroelectronics ST63140 Datasheet HTML 75Page - STMicroelectronics ST63140 Datasheet HTML 76Page - STMicroelectronics ST63140 Datasheet HTML 77Page - STMicroelectronics ST63140 Datasheet HTML 78Page - STMicroelectronics ST63140 Datasheet HTML 79Page - STMicroelectronics ST63140 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
Pin Function
Description
DA0 to DA3
Output, Open-Drain, 12V
BSW0 to BSW3
Output, Open-Drain, 12V
IRIN
Input, Resistive Bias, Schmitt Trigger
AFC
Input, High Impedance, 12V
OUT1
Output, Open-Drain, 12V
KBY0 to KBY2
Input, Pull-up, Schmitt Trigger
R,G,B, BLANK
Output, Open-Drain, 5V
HSYNC, VSYNC
Input, Pull-up, Schmitt Trigger
OSDOSCin
Input, High Impedance
OSDOSCout
Output, Push-Pull
TEST/VPP
Input, Pull-Down
OSCin
Input, Resistive Bias, Schmitt Trigger to Reset Logic Only
OSCout
Output, Push-Pull
RESET
Input, Pull-up, Schmitt Trigger Input
VS
Output, Push-Pull
PA0-PA6
I/O, Open-Drain, 12V, No Input Pull-up, Schmitt Trigger, High Drive
PB2-PB3, PB5-PB7
I/O, Push-Pull, 5V, Input Pull-up, Schmitt Trigger
PB5-PB7
I/O, Open-Drain, 5V, Input Pull-up, Schmitt Trigger
PC0-PC2, PC4
I/O, Push-Pull, 5V, Input Pull-up, Schmitt Trigger
PC3, PC5-PC7
I/O, Open-Drain, 5V, Input Pull-up, Schmitt Trigger
VDD,VSS
Power Supply Pins
Table 2. Pin Summary
PIN DESCRIPTION (Continued)
®
ST63E140,E142,E126,E156, T140,T142,T126,T156
72/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com