Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 22Page - STMicroelectronics ST63140 Datasheet HTML 23Page - STMicroelectronics ST63140 Datasheet HTML 24Page - STMicroelectronics ST63140 Datasheet HTML 25Page - STMicroelectronics ST63140 Datasheet HTML 26Page - STMicroelectronics ST63140 Datasheet HTML 27Page - STMicroelectronics ST63140 Datasheet HTML 28Page - STMicroelectronics ST63140 Datasheet HTML 29Page - STMicroelectronics ST63140 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 86 page
background image
The STOP and WAIT modes have been imple-
mented in the ST631xx Core in order to reduce the
consumption of the device when the latter has no
instruction to execute. These two modes are de-
scribed in the following paragraphs. On ST631xx
as the hardware activated digital watchdog func-
tion is present the STOP instruction is de-activated
and any attempt to execute it will cause the auto-
matic execution of a WAIT instruction.
WAIT Mode
The configuration of the MCU in the WAIT mode
occurs as soon as the WAIT instruction is exe-
cuted. The microcontroller can also be considered
as being in a “software frozen” state where the
Core stops processing the instructions of the rou-
tine, the contents of the RAM locations and periph-
eral registers are saved as long as the power
supply voltage is higher than the RAM retention
voltage but where the peripherals are still working.
The WAIT mode is used when the user wants to re-
duce the consumption of the MCU when it is in idle,
while not losing count of time or monitoring of ex-
ternal events. The oscillator is not stopped in order
to provide clock signal to the peripherals. The tim-
ers counting may be enabled (writing the PSI bit in
TSCR register) and the timer interrupt may be also
enabled before entering the WAIT mode; this al-
lows the WAIT mode to be left when timer interrupt
occurs. If the exit from the WAIT mode is per-
formed with a general RESET (either from the acti-
vation of the external pin or by watchdog reset) the
MCU will enter a normal reset procedure as de-
scribed in the RESET chapter. If an interrupt is
generated during WAIT mode the MCU behaviour
depends on the state of the ST631xx Core before
the initialization of the WAIT sequence, but also of
the kind of the interrupt request that is generated.
This case will be described in the following para-
graphs. In any case, the ST631xx Core does not
generate any delay after the occurrence of the in-
terrupt because the oscillator clock is still available.
STOP Mode
On ST631xx the hardware watchdog is present
and the STOP instruction has been de-activated.
Any attempt to execute a STOP will cause the
automatic execution of a WAIT instruction.
Exit from WAIT Mode
The following paragraphs describe the output pro-
cedure of the ST631xx Core from WAIT mode
when an interrupt occurs. It must be noted that the
restart sequence depends on the original state of
the MCU (normal, interrupt or non-maskable inter-
rupt mode) before the start of the WAIT sequence,
but also of the type of the interrupt request that is
generated. In all cases the GEN bit of IOR has to
be set to 1 in order to restart from WAIT Mode.
Contrary to the operation of NMI in the RUN Mode,
the NMI is masked in WAIT Mode if GEN=0.
Normal Mode. If the ST631xx Core was in the
main routine when the WAIT instruction has been
executed, the ST631xx Core outputs from the wait
mode as soon as any interrupt occurs; the related
interrupt routine is executed and at the end of the
interrupt service routine the instruction that follows
the WAIT instruction is executed if no other inter-
rupts are pending.
Non-maskable Interrupt Mode. If the WAIT in-
struction has been executed during the execution
of the non-maskable interrupt routine, the ST631xx
Core outputs from the wait mode as soon as any
interrupt occurs: the instruction that follows the
WAIT instruction is executed and the ST631xx
Core is still in the non-maskable interrupt mode
even if another interrupt has been generated.
Normal Interrupt Mode. If the ST631xx Core was
in the interrupt mode before the initialization of the
WAIT sequence, it outputs from the wait mode as
soon as any interrupt occurs. Nevertheless, two
cases have to be considered:
- If the interrupt is a normal interrupt, the inter-
rupt routine in which the WAIT was entered will
be completed with the execution of the instruc-
tion that follows the WAIT and the ST631xx
Core is still in the interrupt mode. At the end of
this routine pending interrupts will be serviced
in accordance to their priority.
- If the interrupt is a non-maskable interrupt, the
non-maskable routine is processed at first.
Then, the routine in which the WAIT was en-
tered will be completed with the execution of
the instruction that follows the WAIT and the
ST631xx Core is still in the normal interrupt
mode.
Notes :
If all the interrupt sources are disabled, the restart
of the MCU can only be done by a Reset activation.
The Wait instruction is not executed if an enabled
interrupt request is pending. In the ST631xx the
hardware activated digital watchdog function is
present. As the watchdog is always activated the
STOP instruction is de-activated and any attempt
to execute the STOP instruction will cause an exe-
cution of a WAIT instruction.
WAIT & STOP MODES
®
ST63140,142,126,156
22/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com