Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 3Page - STMicroelectronics ST63140 Datasheet HTML 4Page - STMicroelectronics ST63140 Datasheet HTML 5Page - STMicroelectronics ST63140 Datasheet HTML 6Page - STMicroelectronics ST63140 Datasheet HTML 7Page - STMicroelectronics ST63140 Datasheet HTML 8Page - STMicroelectronics ST63140 Datasheet HTML 9Page - STMicroelectronics ST63140 Datasheet HTML 10Page - STMicroelectronics ST63140 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
GENERAL DESCRIPTION
The ST63140, 142, 126, 156 microcontrollers are
members of the 8-bit HCMOS ST631xx family, a
series of devices specially oriented to TV applica-
tions. Different ROM size and peripheral configura-
tions are available to give the maximum application
and cost flexibility. All ST631xx members are
based on a building block approach: a common
core is surrounded by a combination of on-chip pe-
ripherals (macrocells) available from a standard li-
brary. These peripherals are designed with the
same Core technology providing full compatibility
and short design time. Many of these macrocells
are specially dedicated to TV applications. The
macrocells of the ST631xx family are: two Timer
peripherals each including an 8-bit counter with a
7-bit software programmable prescaler (Timer), a
digital hardware activated watchdog function
(DHWD), a 14-bit voltage synthesis tuning periph-
eral, a Serial Peripheral Interface (SPI), up to four
6-bit PWM D/A converters, an AFC A/D converter
with 0.5V resolution, an on-screen display (OSD)
with 15 characters per line and 128 characters (in
two banks each of 64 characters). In addition the
following memory resources are available: pro-
gram ROM (7K), data RAM (256 bytes), EEPROM
(128 bytes).
Refer to pin configuration figures and to ST631xx
device summary (Table 1) for the definition of
ST631xx family members and a summary of differ-
ences among the different types.
®
ST63140,142,126,156
3/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com