Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 67Page - STMicroelectronics ST63140 Datasheet HTML 68Page - STMicroelectronics ST63140 Datasheet HTML 69Page - STMicroelectronics ST63140 Datasheet HTML 70Page - STMicroelectronics ST63140 Datasheet HTML 71Page - STMicroelectronics ST63140 Datasheet HTML 72Page - STMicroelectronics ST63140 Datasheet HTML 73Page - STMicroelectronics ST63140 Datasheet HTML 74Page - STMicroelectronics ST63140 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
®
8-BIT EPROM HCMOS MCUs FOR
TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
ST63E140/T140, E142/T142
ST63E126/T126, E156/T156
4.5 to 6V operating Range
8MHz Maximum Clock Frequency
User Program EPROM:
7948 bytes
Reserved Test EPROM:
244 bytes
Data EPROM:
user selectable size
Data RAM:
256 bytes
Data EEPROM:
128 bytes
40-Pin Dual in Line Package for the
ST63x126, x156
28-Pin Dual in Line Package for the
ST63x140, x142
Up to 18 software programmable general
purpose Inputs/Outputs, including 8 direct LED
driving Outputs
3 Inputs for keyboard scan (KBY0-2)
Up to 4 high voltage outputs (BSW0-3)
Two Timers each including an 8-bit counter with
a 7-bit programmable prescaler
Digital Watchdog Function
Serial Peripheral Interface (SPI) supporting
S-BUS/ I
2C BUS and standard serial protocols
Up to Four 6-bit PWM D/A Converters
62.5kHz Output pin
14 bit counter for voltage synthesis tuning
(ST63156, ST63140)
AFC A/D converter with 0.5V resolution
Four interrupt vectors (IRIN/NMI, Timer 1 & 2,
VSYNC.)
On-chip clock oscillator
5 Lines by 15 Characters On-Screen Display
Generator with 128 Characters (2 banks)
These EPROM and OTP versions are fully pin to
pin compatible with their respective ROM versions
The
development
tool
of
the
ST631xx
microcontrollers consists of the ST63TVS-EMU
emulation and development system to be
connected via a standard RS232 serial line to an
MS-DOS Personal Computer.
EPROM programming board ST63E1XX-EPB
This is Preliminary information from SGS-THOMSON. Details are subject to change without notice.
October 1993
PRELIMINARY DATA
1
1
28
1
1
(Ordering Information at the end of the datasheet)
67/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com