Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 31Page - STMicroelectronics ST63140 Datasheet HTML 32Page - STMicroelectronics ST63140 Datasheet HTML 33Page - STMicroelectronics ST63140 Datasheet HTML 34Page - STMicroelectronics ST63140 Datasheet HTML 35Page - STMicroelectronics ST63140 Datasheet HTML 36Page - STMicroelectronics ST63140 Datasheet HTML 37Page - STMicroelectronics ST63140 Datasheet HTML 38Page - STMicroelectronics ST63140 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
HWDR
Hardware Activated Watchdog Register
(D8h, Read/ Write)
D7 D6 D5 D4 D3 D2 D1 D0
C = Watchdog Activation Bit
SR = Software Reset Bit
T1-T6 = Counter Bits
Figure 35. Watchdog Register
HARDWARE ACTIVATED DIGITAL WATCHDOG
FUNCTION (Continued)
T1-T6. These are the watchdog counter bits. It
should be noted that D7 (T1) is the LSB of the
counter and D2 (T6) is the MSB of the counter,
these bits are in the opposite order to normal.
SR. This bit is set to one during the reset phase
and will generate a software reset if cleared to
zero.
C. This is the watchdog activation bit that is hard-
ware set to one; the user can not change the value
of this bit. The watchdog function is always acti-
vated independently of changes of value of this bit.
The register reset value is FEh (Bit 1-7 set to one,
Bit 0 cleared).
SSDR
SPI Serial Data Register
(CCh, Read/ Write)
D7 D6 D5 D4 D3 D2 D1 D0
D0-D7 = Data Bits
Figure 36. SPI Serial Data Register
SERIAL PERIPHERAL INTERFACE
The ST631xx Serial Peripheral Interface (SPI) has
been designed to be cost effective and flexible in
interfacing the various peripherals in TV applica-
tions.
It maintains the software flexibility but adds hard-
ware configurations suitable to drive devices which
require a fast exchange of data. The three pins
dedicated for serial data transfer (single master
only) can operate in the following ways:
- as standard I/O lines (software configuration)
- as S-BUS or as I
2CBUS (two pins)
- as standard (shift register) SPI
When using the hardware SPI, a fixed clock rate of
62.5kHz is provided.
It has to be noted that the first bit that is output on
the data line by the 8-bit shift register is the MSB.
SPI Data/Control Registers
For I/O details on SCL (Serial Clock), SDA (Serial
Data) and SEN (Serial Enable) please refer to I/O
Ports description with reference to the following
registers:
Port B data register, Address C1h (Read/Write).
- BIT D5 “SCL”
- BIT D6 “SDA”
- BIT D7 “SEN”
Port B data direction register, Address C5h
(Read/Write).
D7-D0. These are the SPI data bits. They can be
neither read nor written when SPI is operating
(BUSY bit set). They are undefined after reset.
®
ST63140,142,126,156
31/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com