Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 42Page - STMicroelectronics ST63140 Datasheet HTML 43Page - STMicroelectronics ST63140 Datasheet HTML 44Page - STMicroelectronics ST63140 Datasheet HTML 45Page - STMicroelectronics ST63140 Datasheet HTML 46Page - STMicroelectronics ST63140 Datasheet HTML 47Page - STMicroelectronics ST63140 Datasheet HTML 48Page - STMicroelectronics ST63140 Datasheet HTML 49Page - STMicroelectronics ST63140 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
6-BIT PWM D/A CONVERTERS AND 62.5 kHz
OUTPUT FUNCTION (Continued)
DA0-DA5. These are the 6 bits of the PWM digital
to analog converter. Undefined after reset.
DAE. This is the D/A 1 enable bit. If zero, the out-
put of the D/A is forced to zero; if one, the output of
the D/A depends on bits DA0..DA5. Undefined af-
ter reset.
OUT1. This is the OUT1 data bit. The content of
this bit is output on the OUT1 pin when the 62.5kHz
frequency function is disabled (FO1 bit in DA0 reg-
ister is cleared to zero). Undefined after reset.
DA0-DA5. These are the 6 bits of the PWM digital
to analog converter bits. Undefined after reset.
DAE. This is the D/A 2 enable bit. If zero, the out-
put of the D/A is forced to zero; if one, the output of
the D/A depends on bits DA0..DA5. Undefined af-
ter reset.
IEN. This is the external interrupt enable. If set to
one, the interrupt coming from the external inter-
rupt pin is enabled, if this bit is cleared the interrupt
is disabled. Undefined after reset. This interrupt is
associated to the NMI interrupt vector. Refer to IR
and interrupt descriptions for additional informa-
tion.
DA1
DA1 Data/Control Registers
(E1h, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
Data Bit 0
Data Bit 1
Data Bit 2
Data Bit 3
Data Bit 4
Data Bit 5
DAE D/A Enable Bit
OUT1 Data Bit
Figure 50. DA1 Data/Enable Register
DA0-DA5. These are the 6 bits of the PWM digital
to analog converter. Undefined after reset.
DAE. This is the D/A 3 enable bit. If zero, the out-
put of the D/A is forced to zero; if one, the output of
the D/A depends on bits DA0..DA5. Undefined af-
ter reset.
ADSH. This is the analog to digital converter refer-
ence voltage shift bit. If set to one, the AFC block
has reference voltages on 1V border. If set to zero,
on 0.5V border. Undefined after reset. Refer to
AFC for additional information.
DA2
DA2 Data/Control Registers
(E2h Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
Data Bit 0
Data Bit 1
Data Bit 2
Data Bit 3
Data Bit 4
Data Bit 5
DAE D/A Enable Bit
IEN IR Interrupt Enable
Figure 51. DA2 Data/Enable Register
DA3
DA3 Data/Contr ol Registers
(E3h, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
Data Bit 0
Data Bit 1
Data Bit 2
Data Bit 3
Data Bit 4
Data Bit 5
DAE D/A Enable Bit
ADSH A/D ReferenceShift
Figure 52. DA3 Data/Enable Register
®
ST63140,142,126,156
42/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com