Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 20Page - STMicroelectronics ST63140 Datasheet HTML 21Page - STMicroelectronics ST63140 Datasheet HTML 22Page - STMicroelectronics ST63140 Datasheet HTML 23Page - STMicroelectronics ST63140 Datasheet HTML 24Page - STMicroelectronics ST63140 Datasheet HTML 25Page - STMicroelectronics ST63140 Datasheet HTML 26Page - STMicroelectronics ST63140 Datasheet HTML 27Page - STMicroelectronics ST63140 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
Figure 20. Internal Reset Circuit
The ST631xx device can be reset in two ways: by
the external reset input (RESET ) tied low, by
power-on reset and by the digital Watchdog pe-
ripheral.
RESET Input
The external active low RESET pin is used to reset
the ST631xx devices and provide an orderly soft-
ware startup procedure. The activation of the RE-
SET pin may occur in the RUN or WAIT mode.
Even short pulses at the reset pin will be accepted
since the reset signal is latched internally and is
only cleared after 2048 clocks at the oscillator pin.
The clocks from the oscillator pin to the reset cir-
cuitry are buffered by a Schmitt Trigger so that an
oscillator in start-up conditions will not give spuri-
ous clocks. The MCU is configured in the Reset
mode as long as the signal of the RESET pin is low.
The processing of the program is stopped and the
standard Input/Outputports (port A, port B and port
C) are in the input state (except PC2). As soon as
the level on the RESET pin becomes high, the in-
itialization sequence is executed.
Watchdog Reset
The ST631xx devices are provided with an on-
chip hardware activated digital watchdog function
in order to provide a graceful recovery from a soft-
ware upset. If the watchdog register is not re-
freshed and the end-of-count is reached, then the
reset state will be latched into the MCU and an in-
ternal circuit pulls down the RESET pin. This also
resets the watchdog which subsequently turns off
the pull-down and activates the pull-up device at
the RESET pin. This causes the positive transition
at the RESET pin. The MCU will then exit the reset
state after 2048 clocks on the oscillator pin.
Application Notes
An external resistor between VDD and reset pin is
not required because an internal pull-up device is
provided. The user may prefer to add an external
pull-up resistor.
An internal Power-on device does not guarantee
that the MCU will exit the reset state when VDD is
above 4.5V and therefore the RESET pin should
be externally controlled.
RESET
®
ST63140,142,126,156
20/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com