Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63140 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 63Page - STMicroelectronics ST63140 Datasheet HTML 64Page - STMicroelectronics ST63140 Datasheet HTML 65Page - STMicroelectronics ST63140 Datasheet HTML 66Page - STMicroelectronics ST63140 Datasheet HTML 67Page - STMicroelectronics ST63140 Datasheet HTML 68Page - STMicroelectronics ST63140 Datasheet HTML 69Page - STMicroelectronics ST63140 Datasheet HTML 70Page - STMicroelectronics ST63140 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
PACKAGE MECHANICAL DATA
Figure 69. ST631xx 40 Pin Plastic Dual-In-line Package
Figure 70. ST631xx 28-Pin Dual-In-line Package
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.2
4.8
0.086
0.189
A1
0.51
1.77
0.010
0.069
B
0.38
0.58
0.015
0.023
B1
0.97
1.52
0.055
0.065
C
0.20
0.30
0.008
0.009
D
50.30
52.22 1.980
20.560
D1
––––––
E
15.2
0.600
E1
12.9
0.508
K1
––––––
K2
––––––
L
3.18
4.44
1.25
0.174
e1
2.54
0.10
Number of Pins
N40
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.2
4.8
0.086
0.189
A1
0.51
1.77
0.010
0.069
B
0.38
0.58
0.015
0.023
B1
0.97
1.52
0.055
0.065
C
0.20
0.30
0.008
0.009
D
35.06
36.22 1.400
1.425
D1
––––––
E
15.2
0.600
E1
12.9
0.508
K1
––––––
K2
––––––
L
3.18
4.44
1.25
0.174
e1
2.54
0.10
Number of Pins
N28
®
ST63140,142,126,156
63/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com